Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRORELSIC125 Datasheet(PDF) 5 Page - Exxelia Group

Part # PRORELSIC125
Description  5 000 h / 125°C
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

PRORELSIC125 Datasheet(HTML) 5 Page - Exxelia Group

  PRORELSIC125 Datasheet HTML 1Page - Exxelia Group PRORELSIC125 Datasheet HTML 2Page - Exxelia Group PRORELSIC125 Datasheet HTML 3Page - Exxelia Group PRORELSIC125 Datasheet HTML 4Page - Exxelia Group PRORELSIC125 Datasheet HTML 5Page - Exxelia Group PRORELSIC125 Datasheet HTML 6Page - Exxelia Group PRORELSIC125 Datasheet HTML 7Page - Exxelia Group PRORELSIC125 Datasheet HTML 8Page - Exxelia Group PRORELSIC125 Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ELECTROLYTIC ALUMINUM CAPACITORS
110
Revision 01/19
www.exxelia.com
Tel : + 33 (0)2 40 01 26 51
Capacitance
(µF)
Dimensions
ESR
Z
F(1)
+20°C
max.
(Ω)
Il
+20°C
5 min.
max.
(µA)
I ~
100 Hz
Code
Ø
mm (inches)
L
mm (inches)
Typic
(Ω)
Max.
(Ω)
+85°C
max.
(A)
+125°C
max.
(A)
Rated voltage 160 V
1
6,5
(0,256)
15
(0,591)
53
105
18
2
0,06
0,03
A 701140
2
6,5
(0,256)
15
(0,591)
53
105
18
4
0,06
0,03
A 701149
2,2
6,5
(0,256)
19
(0,748)
24
48
12
4
0,09
0,04
A 701141
3
6,5
(0,256)
19
(0,748)
24
48
12
5
0,09
0,04
A 701150
3,3
8,5
(0,335)
19
(0,748)
15
30
6,6
5
0,14
0,06
A 701142
4,7
10
(0,394)
19
(0,748)
8
16
4,6
8
0,2
0,09
A 701143
6
8,5
(0,335)
19
(0,748)
15
30
6,6
10
0,14
0,06
A 701151
6,8
10
(0,394)
25
(0,984)
6
12
3,2
11
0,27
0,12
A 701144
8
10
(0,394)
19
(0,748)
8
16
4,6
12
0,2
0,09
A 701152
10
12
(0,472)
25
(0,984)
5
10
2,4
14
0,33
0,15
A 701145
11
10
(0,394)
25
(0,984)
6
12
3,2
14
0,27
0,12
A 701153
15
12
(0,472)
25
(0,984)
5
10
2,4
18
0,33
0,15
A 701154
15
12
(0,472)
30
(1,181)
3,5
7
1,8
18
0,42
0,19
A 701146
22
12
(0,472)
30
(1,181)
3,5
7
1,8
25
0,42
0,19
A 701155
22
14
(0,551)
30
(1,181)
2,8
5,6
1,1
25
0,51
0,23
A 701147
33
14
(0,551)
30
(1,181)
1,8
2,7
1
36
0,64
0,29
A 701148
47
18
(0,709)
40
(1,575)
1,1
1,7
0,65
45
1,07
0,48
A 703140
68
21
(0,827)
40
(1,575)
0,8
1,2
0,44
65
1,38
0,61
A 703141
100
25
(0,984)
40
(1,575)
0,4
0,6
0,3
100
2,1
0,95
A 703560
150
25
(0,984)
50
(1,969)
0,3
0,5
0,25
140
2,7
1,21
A 703561
220
25
(0,984)
75
(2,953)
0,2
0,3
0,2
210
4
1,79
A 703562
470
25
(0,984)
75
(2,953)
0,12
0,2
0,13
450
5,2
2,3
A 703563
Rated voltage 250 V
15
18
(0,709)
30
(1,181)
3,3
5
2
25
0,54
0,24
A 703160
22
18
(0,709)
30
(1,181)
2,5
3,8
1,5
37
0,62
0,28
A 703165
33
18
(0,709)
40
(1,575)
1,5
2,3
1
50
0,92
0,41
A 703161
47
25
(0,984)
40
(1,575)
0,9
1,4
0,8
70
1,42
0,64
A 703570
68
25
(0,984)
50
(1,969)
0,73
1,1
0,6
100
1,75
0,78
A 703571
100
25
(0,984)
75
(2,953)
0,45
0,7
0,3
150
2,7
1,2
A 703572
Rated voltage 350 V
10
18
(0,709)
30
(1,181)
4,2
6,3
3,9
120
0,48
0,22
A 703181
15
18
(0,709)
30
(1,181)
3
4,5
2,7
140
0,57
0,25
A 703184
22
18
(0,709)
40
(1,575)
2
2,9
1,8
180
0,79
0,35
A 703182
30
18
(0,709)
30
(1,181)
3
4,5
2,7
200
0,57
0,25
A 703185
33
21
(0,827)
40
(1,575)
1,3
1,9
1
210
1,07
0,48
A 703183
41
18
(0,709)
40
(1,575)
2
2,9
1,8
230
0,79
0,35
A 703186
47
25
(0,984)
40
(1,575)
1,1
1,7
0,8
250
1,3
0,57
A 703580
100
25
(0,984)
40
(1,575)
1,1
1,7
0,8
450
1,3
0,57
A 703187
Rated voltage 450 V
6,8
16
(0,630)
30
(1,181)
15
23
5
110
0,24
0,11
A 703210
6,8
18
(0,709)
30
(1,181)
8
12
5
110
0,34
0,16
A 703201
10
16
(0,630)
30
(1,181)
5,5
8,5
4
130
0,39
0,18
A 703211
10
18
(0,709)
30
(1,181)
5,5
8,5
4
130
0,42
0,19
A 703203
15
16
(0,630)
30
(1,181)
15
23
5
160
0,24
0,11
A 703212
15
18
(0,709)
40
(1,575)
4
6
2,7
160
0,56
0,25
A 703204
22
18
(0,709)
30
(1,181)
5,5
8,5
4
200
0,42
0,19
A 703213
22
18
(0,709)
40
(1,575)
3,3
5
2
200
0,62
0,28
A 703208
22
21
(0,827)
40
(1,575)
2,7
4,1
2
200
0,74
0,33
A 703205
33
18
(0,709)
40
(1,575)
4
6
2,7
250
0,56
0,25
A 703214
33
25
(0,984)
40
(1,575)
1,7
2,5
1,5
250
1,03
0,46
A 703590
47
25
(0,984)
40
(1,575)
1,1
1,7
1
300
1,3
0,57
A 703591
50
21
(0,827)
40
(1,575)
2,7
4,1
2
330
0,74
0,33
A 703215
(1) F = 10 kHz (C > 1000 µF), F = 100 kHz (C ≤ 1000 µF)
Z typ = Z max / 2
PRORELSIC 125
CO 52
5 000 h / 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com