Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3085 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLC3085
Description  Integrated Pots Interface for Home Access Gateway and WLL
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3085 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STLC3085 Datasheet HTML 3Page - STMicroelectronics STLC3085 Datasheet HTML 4Page - STMicroelectronics STLC3085 Datasheet HTML 5Page - STMicroelectronics STLC3085 Datasheet HTML 6Page - STMicroelectronics STLC3085 Datasheet HTML 7Page - STMicroelectronics STLC3085 Datasheet HTML 8Page - STMicroelectronics STLC3085 Datasheet HTML 9Page - STMicroelectronics STLC3085 Datasheet HTML 10Page - STMicroelectronics STLC3085 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
STLC3085
Electrical specification
7/28
2.3
Electrical characteristics
Table 5.
Electrical characteristics
Test conditions: Vpos = 6.0V, AGND = BGND, Normal Polarity, Tamb = 25°C.
External components as listed in the "Typical Values" column of EXTERNAL COMPONENTS Table.
Note: Testing of all parameter is performed at 25°C. Characterisation as well as design rules used allow correlation of
tested performances at other temperatures. All parameters listed here are met in the operating range: -40 to +85°C.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
DC CHARACTERISTICS
Vlohi
Line voltage
Il = 0, HI-Z
(High impedance feeding)
Tamb = 0 to 85°C
40
46
V
Vlohi
Line voltage
Il = 0, HI-Z
(High impedance feeding)
Tamb = -40 to 85°C
38
44
V
Vloa
Line voltage
Il = 0, ACTIVE
Tamb = 0 to 85°C
31
38
V
Vloa
Line voltage
Il = 0, ACTIVE
Tamb = -40 to 85°C
29
35
V
Ilim
Lim. current programming
range
ACTIVE mode
20
25
mA
Ilima
Lim. current accuracy
ACTIVE mode.
Rel. to programmed value
20mA to 25mA
-10
10
%
Rfeed HI
Feeding resistance
HI-Z (High Impedance feeding)
2.4
3.6
k
Ω
AC CHARACTERISTICS
L/T
Long. to transv.
(see Appendix for test circuit)
Rp = 50
Ω, 1% tol.,
ACTIVE N. P., RL = 600Ω
(1)
f = 300 to 3400Hz
50
58
dB
T/L
Transv. to long.
(see Appendix for test circuit)
Rp = 50
Ω, 1% tol.,
ACTIVE N. P., RL = 600Ω
(1)
f = 300 to 3400Hz
40
45
dB
T/L
Transv. to long.
(see Appendix for test circuit)
Rp = 50
Ω, 1% tol.,
ACTIVE N. P., RL = 600Ω
(1)
f = 1kHz
48
53
dB
2WRL
2W return loss
300 to 3400Hz,
ACTIVE N. P., RL = 600Ω
(1)
22
26
dB
THL
Trans-hybrid loss
300 to 3400Hz,
20Log|VRX/VTX|,
ACTIVE N. P., RL = 600Ω
(1)
30
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com