Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3085 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STLC3085
Description  Integrated Pots Interface for Home Access Gateway and WLL
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3085 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STLC3085 Datasheet HTML 13Page - STMicroelectronics STLC3085 Datasheet HTML 14Page - STMicroelectronics STLC3085 Datasheet HTML 15Page - STMicroelectronics STLC3085 Datasheet HTML 16Page - STMicroelectronics STLC3085 Datasheet HTML 17Page - STMicroelectronics STLC3085 Datasheet HTML 18Page - STMicroelectronics STLC3085 Datasheet HTML 19Page - STMicroelectronics STLC3085 Datasheet HTML 20Page - STMicroelectronics STLC3085 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
STLC3085
Functional description
17/28
Name
Function
Formula
Typ. Value
RD
Ring Trip threshold setting
resistor
RD = 100/IRTH
2K
Ω < RD < 5KΩ
4.12k
Ω 1%
@ IRTH = 24mA
CAC
AC/DC split capacitance
22
µF 20% 15V
@ RD = 4.12k
Ω
RP
Line protection resistor
Rp > 30
Ω
50
Ω 1%
RLIM
Current limiting programming
RLIM = 1300/Ilim
32.5k
Ω < RLIM < 65kΩ
52.3k
Ω 1%
@ Ilim = 25mA
RTH
Off-hook threshold programming
(ACTIVE mode)
RTH = 290/ITH
27k
Ω < RTH < 52kΩ
32.4k
Ω 1%
@ITH = 9mA
CREV
Reverse polarity transition time
programming
CREV = ((1/3750) ·
∆T/∆V
TR)
22nF 10% 10V
@ 12V/ms
RDD
Pull up resistors
100k
Ω
CVCC
Internally supply filter capacitor
100nF 20% 10V
CVpos(1)
Positive supply filter capacitor
with low impedance for switch
mode power supply
100
µF
CV(2)
Battery supply filter capacitor
with low impedance for switch
mode power supply
100
µF 20% 100V
CVB
High frequency noise filter
470nF 20% 100V
CRD(3)
High frequency noise filter
100nF 10% 15V
Q1
DC/DC converter switch P ch.
MOS transistor
RDS(ON)
≤1.2Ω,VDS = -100V
Total gate charge=20nC max.
with VGS=4.5V and VDS=1V
ID>500mA
Possible choiches:
IRF9510 or IRF9520 or
IRF9120 or equivalent
D1
DC/DC converter series diode
Vr > 100V, tRR ≤ 50ns
SMBYW01-200
or equivalent
RSENSE
DC/DC converter peak current
limiting
RSENSE = 100mV/IPK
130m
Ω
@IPK = 770mA
RF1
Negative battery programming
level
250K
Ω<RF1<270KΩ
270k
Ω 1%
@ VBATR = -64V
RF2
Negative battery programming
level
9.1k
Ω 1%
L(4)
DC/DC converter inductor
DC resistance
≤ 0.1Ω
L=100
µH
SUMIDA CDRH125 or equivalent
FLY-BACK CONFIGURATION
RREF
Bias setting current
RREF = 1.3/Ibias; Ibias = 50
µA
26k
Ω 1%
Table 10.
External Components (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com