Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3085 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLC3085
Description  Integrated Pots Interface for Home Access Gateway and WLL
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3085 Datasheet(HTML) 4 Page - STMicroelectronics

  STLC3085 Datasheet HTML 1Page - STMicroelectronics STLC3085 Datasheet HTML 2Page - STMicroelectronics STLC3085 Datasheet HTML 3Page - STMicroelectronics STLC3085 Datasheet HTML 4Page - STMicroelectronics STLC3085 Datasheet HTML 5Page - STMicroelectronics STLC3085 Datasheet HTML 6Page - STMicroelectronics STLC3085 Datasheet HTML 7Page - STMicroelectronics STLC3085 Datasheet HTML 8Page - STMicroelectronics STLC3085 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Block diagram and pin description
STLC3085
4/28
1.3
Pin description
Table 1.
Pin description
N°
Pin
Function
1
D0
Control Interface: input bit 0.
2
D1
Control Interface: input bit 1.
3
D2
Control interface: input bit 2.
4
PD
Power Down input. Normally connected to CVCC (or to logic level high).
5
Gain SET
Control gain interface:
0 Level Rxgain = 0dB
Txgain = -6dB
1 Level Rxgain = +6dB Txgain = -12dB
6,22,38,
39,40,42
NC
Not connected.
7DET
Logic interface output of the supervision detector (active low).
8
RESERVED Connected to GND
9
RESERVED Connected to GND
10
RESERVED Connected to GND
11
RESERVED Left open.
12
RESERVED Connected to GND
13
RX
4 wire input port (RX input); 300K
Ω input impedance. This signal is referred to AGND.
If connected to single supply CODEC output it must be DC decoupled with proper
capacitor.
14
ZAC1
RX buffer output (the AC impedance is connected from this node to ZAC).
15
ZAC
AC impedance synthesis.
16
RS
Protection resistors image (the image resistor is connected from this node to ZAC).
17
ZB
Balance Network for 2 to 4 wire conversion (the balance impedance ZB is connected from
this node to AGND. ZA impedance is connected from this node to ZAC1).
18
CAC
AC feedback input, AC/DC split capacitor (CAC).
19
TX
4 wire output port (TX output). The signal is referred to AGND. If connected to single
supply
CODEC input it must be DC decoupled with proper capacitor.
20
CZ
Fly-Back compensation
21
VF
Feedback input for DC/DC converter controller.
23
CLK
Power Switch Controller Clock (typ. 125KHz). This pin can also be connected to CVCC or
AGND. When the CLK pin is connected to CVCC an internal auto-oscillation is internally
generated and it is used instead of the external clock. When the CLK pin is connected to
AGND, the GATE output is disabled.
24
GATE
Driver for external Power MOS transistor (P-chanell in Buck-boost configuration, N-
channel in Fly-back configuration).
25
RSENSE
Voltage input for current sensing. RSENSE resistor should be connected close to this pin
and VPOS pin (Buck-boost) or GND (Fly-back). The PCB layout should minimize the
extra resistance introduced by the copper tracks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com