Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3085 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STLC3085
Description  Integrated Pots Interface for Home Access Gateway and WLL
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3085 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STLC3085 Datasheet HTML 14Page - STMicroelectronics STLC3085 Datasheet HTML 15Page - STMicroelectronics STLC3085 Datasheet HTML 16Page - STMicroelectronics STLC3085 Datasheet HTML 17Page - STMicroelectronics STLC3085 Datasheet HTML 18Page - STMicroelectronics STLC3085 Datasheet HTML 19Page - STMicroelectronics STLC3085 Datasheet HTML 20Page - STMicroelectronics STLC3085 Datasheet HTML 21Page - STMicroelectronics STLC3085 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Functional description
STLC3085
18/28
Name
Function
Formula
Typ. Value
CSVR
Negative Battery Filter
CSVR = 1/(2
π ⋅ fp ⋅ 1.8MΩ)
fp = 50Hz
1.5nF 10%
100V
RD
Ring Trip threshold setting
resistor
RD = 100/IRTH
2K
Ω < RD < 5KΩ
4.12k
Ω 1%
@ IRTH = 24mA
CAC
AC/DC split capacitance
22
µF 20% 15V
@ RD = 4.12k
Ω
RP
Line protection resistor
Rp > 30
Ω
50
Ω 1%
RLIM
Current limiting programming
RLIM = 1300/Ilim
52.3k
Ω < RLIM < 65kΩ
52.3k
Ω 1%
@ Ilim = 25mA
RTH
Off-hook threshold programming
(ACTIVE mode)
RTH = 290/ITH
27k
Ω < RTH < 52kΩ
32.4k
Ω 1%
@ITH = 9mA
CREV
Reverse polarity transition time
programming
CREV = ((1/3750) ·
∆T/∆V
TR)
22nF 10% 10V
@ 12V/ms
RDD
Pull up resistors
100k
Ω
CVCC
Internally supply filter capacitor
100nF 20% 10V
CVpos(1)
Positive supply filter capacitor
with low impedance for switch
mode power supply
100
µF
CV(2)
Battery supply filter capacitor
with low impedance for switch
mode power supply
100
µF 20% 100V
CVB
High frequency noise filter
470nF 20% 100V
CRD(3)
High frequency noise filter
100nF 10% 15V
CZ
Fly-Back compensation
capacitor
2.2nF, 20%
CSF
Sense Filter capacitor
120pF, 20%
RSF
Sense Filter resistor
1k
Ω
RSENSE
DC/DC converter peak current
limiting
RSENSE = 375mV/IPK
220m
Ω @I
PK = 1.7A
Q1
DC/DC converter switch Nchan
MOS transistor
RDS(ON)
≤0.05Ω,VDSS = 30V
VDG=30V, ID = 6.5A
Low threshold drive
STN4NF03L
or equivalent
D1
DC/DC converter series diode
Vr > 350V, tRR ≤ 80ns
SMBYTW01-400
or equivalent
T1
DC/DC Converter transformer
Fly-Back transformer 4W, Turns
Ratio 1:16 fro VPOS range from
4.5V to 8.5V
Tyco COEV MAGNETICS
MGPWG-00007
Name
Function
Formula
Typ. Value
Table 10.
External Components (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com