Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3085 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STLC3085
Description  Integrated Pots Interface for Home Access Gateway and WLL
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3085 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STLC3085 Datasheet HTML 20Page - STMicroelectronics STLC3085 Datasheet HTML 21Page - STMicroelectronics STLC3085 Datasheet HTML 22Page - STMicroelectronics STLC3085 Datasheet HTML 23Page - STMicroelectronics STLC3085 Datasheet HTML 24Page - STMicroelectronics STLC3085 Datasheet HTML 25Page - STMicroelectronics STLC3085 Datasheet HTML 26Page - STMicroelectronics STLC3085 Datasheet HTML 27Page - STMicroelectronics STLC3085 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
STLC3085 overvoltage protection
STLC3085
24/28
Appendix B STLC3085 overvoltage protection
Figure 17. Simplified configuration for indoor overvoltage protection
Figure 18. Standard overvoltage protection configuration for K20 compliance
TIP
RING
BGND
VBAT
RP1
RP2
RP1
RP2
STLC3085N
TIP
RING
RP1 = 30ohm:
RP2 =Fuse or PTC > 20ohm
STPR120A
STPR120A
TIP
BGND
VBAT
RP1
RP2
RP1 = 30ohm:
RP2 =Fuse or PTC > 20ohm
STLC3085N
TIP
RING
RP1
RP2
RING
LCP1521S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com