Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3085 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STLC3085
Description  Integrated Pots Interface for Home Access Gateway and WLL
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3085 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STLC3085 Datasheet HTML 8Page - STMicroelectronics STLC3085 Datasheet HTML 9Page - STMicroelectronics STLC3085 Datasheet HTML 10Page - STMicroelectronics STLC3085 Datasheet HTML 11Page - STMicroelectronics STLC3085 Datasheet HTML 12Page - STMicroelectronics STLC3085 Datasheet HTML 13Page - STMicroelectronics STLC3085 Datasheet HTML 14Page - STMicroelectronics STLC3085 Datasheet HTML 15Page - STMicroelectronics STLC3085 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Functional description
STLC3085
12/28
Typ. value of 220m
Ω guarantees an average current consumption from Vpos < 800mA for Fly-
Back configuration
The self generated battery voltage is set to a predefined value in on-hook state.
This value can be adjusted via one external resistor (RF1) and it is typical -46V. When RING
mode is selected this value is increased to -64V typ.
Once the line goes in off-hook condition, the DC/DC converter automatically adjusts the
generated battery voltage in order to feed the line with a fixed DC current (programmable via
RLIM) optimising the power dissipation.
3.2
Operating modes
3.2.1
Power down
When this mode is selected the SLIC is switched off and the TIP and RING pins are in high
impedance. Also the line detectors are disabled therefore the off-hook condition cannot be
detected. This mode can be selected in emergency condition when it is necessary to cut any
current delivered to the line. This mode is also forced by STLC3085 in case of thermal overload
(Tj > 140°C).
In this case the device goes back to the previous status as soon as the junction temperature
decrease under the hysteresis threshold.
No AC transmission is possible
3.2.2
High impedance feeding (HI-Z)
This operating mode is normally selected when the telephone is in on-hook in order to monitor
the line status keeping the power consumption at the minimum.
The output voltage in on-hook condition is equal to the self generated battery voltage (-46V typ).
When off-hook occurs the DET becomes active (low logic level).
The off-hook threshold in HI-Z mode is the same value as programmed in ACTIVE mode.
The DC characteristic in HI-Z mode is just equal to the self generated battery with
2x(1600
Ω+Rp) in series (see Figure 3), where Rp is the external protection resistance.
No AC transmission is possibile.
Figure 3.
DC Characteristic in HI-Z Mode.
Vbat
IL
VL
Vbat (-46V)
2x(R1+Rp)
Slope: 2x(R1+Rp)
(R1=1500ohm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com