Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3085 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STLC3085
Description  Integrated Pots Interface for Home Access Gateway and WLL
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3085 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STLC3085 Datasheet HTML 11Page - STMicroelectronics STLC3085 Datasheet HTML 12Page - STMicroelectronics STLC3085 Datasheet HTML 13Page - STMicroelectronics STLC3085 Datasheet HTML 14Page - STMicroelectronics STLC3085 Datasheet HTML 15Page - STMicroelectronics STLC3085 Datasheet HTML 16Page - STMicroelectronics STLC3085 Datasheet HTML 17Page - STMicroelectronics STLC3085 Datasheet HTML 18Page - STMicroelectronics STLC3085 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
STLC3085
Functional description
15/28
Figure 6.
TIP/RING typical ringing waveform
Selecting the proper capacitor value it is possible to get different crest factor values.
The following table shows the crest factor values obtained with a 20Hz and 25Hz ring frequency
and with 1REN. These value are valid either with European or USA specification:
Table 9.
The ring trip detection is performed sensing the variation of the AC line impedance from on
hook (relatively high) to off-hook (low). This particular ring trip method allows to operate
without DC offset superimposed on the ring signal and therefore obtaining the maximum
possible ring level on the load starting from a given negative battery.
It should be noted that such a method is optimised for operation on short loop applications and
may not operate properly in presence of long loop applications (> 500
Ω).
Once ring trip is detected, the DET output is activated (logic level low), at this point the card
controller or a simple logic circuit should stop the D2 toggling in order to effectively disconnect
the ring signal and then set the STLC3085 in the proper operating mode (normally ACTIVE).
3.2.4.1 Ring level in presence of more telephone in parallel
As already mentioned above the maximum current that can be drawn from the Vpos supply is
controlled and limited via the external RSENSE.
This will limit also the power available at the self generated negative battery.
If for any reason the ringer load is too low the self generated battery will drop in order to keep
the power consumption to the fixed limit and therefore also the ring voltage level will be
reduced.
In the typical Buck Boost configuration with RSENSE = 130mΩ the peak current from Vpos is
limited to about 770mA, which correspond to an average current of 600mA max. In this
condition the STLC3085 can drive up to 2REN with a ring frequency fr=25Hz (1REN = 1800
Ω +
1.0
µF, European standard).
In Fly-Back configuration the value of RSENSE = 220mΩ guarantees match both European and
USA standards.
CREV
CREST FACTOR @20Hz
CREST FACTOR @25Hz
22nF
1.2
1.26
27nF
1.25
1.32
33nF
1.33
Not significant (1)
(1) Distorsion already less than 10%.
GND
TIP
RING
dV/dT set
by CREV
2.5V typ.
59V
typ.
VBAT
2.5V typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com