Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3085 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STLC3085
Description  Integrated Pots Interface for Home Access Gateway and WLL
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3085 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STLC3085 Datasheet HTML 5Page - STMicroelectronics STLC3085 Datasheet HTML 6Page - STMicroelectronics STLC3085 Datasheet HTML 7Page - STMicroelectronics STLC3085 Datasheet HTML 8Page - STMicroelectronics STLC3085 Datasheet HTML 9Page - STMicroelectronics STLC3085 Datasheet HTML 10Page - STMicroelectronics STLC3085 Datasheet HTML 11Page - STMicroelectronics STLC3085 Datasheet HTML 12Page - STMicroelectronics STLC3085 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
STLC3085
Electrical specification
9/28
Vring
Line voltage
RING D2 toggling @ fr = 25Hz
Load = 2REN;
Crest Factor = 1.25
1REN = 1800
Ω + 1.0µF
Tamb = -40 to +85°C
40
44
Vrms
DETECTORS
IOFFTHA
Off/hook current threshold
ACT. mode, RTH = 32.4k
Ω 1%
(Prog. ITH = 9mA)
10.5
mA
ROFTHA
Off/hook loop resistance
threshold
ACT. mode, RTH = 32.4k
Ω 1%
(Prog. ITH = 9mA)
3.4
k
Ω
IONTHA
On/hook current threshold
ACT. mode, RTH = 32.4k
Ω 1%
(Prog. ITH = 9mA)
6mA
RONTHA
On/hook loop resistance
threshold
ACT. mode, RTH = 32.4k
Ω 1%
(Prog. ITH = 9mA)
8k
Ω
IOFFTHI
Off/hook current threshold
Hi Z mode, RTH = 32.4k
Ω 1%
(Prog. ITH = 9mA)
10.5
mA
ROFFTHI
Off/hook loop resistance
threshold
Hi Z mode, RTH = 32.4k
Ω 1%
(Prog. ITH = 9mA)
800
W
IONTHI
On/hook current threshold
Hi Z mode, RTH = 32.4k
Ω 1%
(Prog. ITH = 9mA)
6mA
RONTHI
On/hook loop resistance
threshold
Hi Z mode, RTH = 32.4k
Ω 1%
(Prog. ITH = 9mA)
8k
Ω
Irt
Ring Trip detector threshold
range
RING
20
50
mA
Irta
Ring Trip detector threshold
accuracy
RING
-15
15
%
Trtd
Ring trip detection time
RING
TBD
ms
Td
Dialling distortion
ACTIVE
-1
1
ms
Rlrt (2)
Loop resistance
500
W
ThAl
Tj for th. alarm activation
160
°C
DIGITAL INTERFACE
INPUTS: D0, D1, D2, PD, CLK
OUTPUTS: DET
Vih
In put high voltage
2
V
Vil
Input low voltage
0.8
V
Table 5.
Electrical characteristics (continued)
Test conditions: Vpos = 6.0V, AGND = BGND, Normal Polarity, Tamb = 25°C.
External components as listed in the "Typical Values" column of EXTERNAL COMPONENTS Table.
Note: Testing of all parameter is performed at 25°C. Characterisation as well as design rules used allow correlation of
tested performances at other temperatures. All parameters listed here are met in the operating range: -40 to +85°C.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com