Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA2017ABT/2 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TEA2017ABT/2
Description  Digital configurable LLC and DCM/QR PFC controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA2017ABT/2 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TEA2017ABT/2 Datasheet HTML 9Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 10Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 11Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 12Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 13Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 14Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 15Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 16Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
NXP Semiconductors
TEA2017ABT/2
Digital configurable LLC and DCM/QR PFC controller
8.3 Modes of operation
Figure 10 shows the control curve between the output power and the voltage difference
between the high and low capacitor voltage levels.
aaa-026793
VSNSCAP control
VSNSCAP
Vhs(SNSCAP)
Pout(max)
Pt(lp)
Vls(SNSCAP)
VSNSCAP
burst mode
low-power mode
high-power mode
Figure 10. TEA2017ABT control curve
When the output power (Pout) is at its maximum, the low capacitor voltage level
(Vls(SNSCAP)) is at its minimum, and the high capacitor voltage (Vhs(SNSCAP)) is at its
maximum level. The maximum ΔVSNSCAP (Vhs(SNSCAP) − Vls(SNSCAP)), which is the divided
ΔVCr voltage, corresponds to the maximum output power.
When the output load decreases, the ΔVSNSCAP voltage decreases. As a result, the
output power decreases and the output voltage is regulated. This mode is called high-
power mode. Figure 8 shows a timing diagram of the system operating in high-power
mode.
When the output power drops to below the transition level (Pt(lp)), the system enters the
low-power mode. The Pt(lp) level can be initialized via the MTP.
To compensate for the non-switching period in low-power mode, also called hold period,
ΔVSNSCAP is initially increased at entering the low-power mode (see Section 8.3.2). In
low-power mode, the output power is regulated by adapting ΔVSNSCAP, until it reaches a
minimum. The system then enters the burst mode (see Section 8.3.3).
TEA2017ABT_2
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.1 — 17 May 2023
13 / 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com