Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA2017ABT/2 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TEA2017ABT/2
Description  Digital configurable LLC and DCM/QR PFC controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA2017ABT/2 Datasheet(HTML) 1 Page - NXP Semiconductors

  TEA2017ABT/2 Datasheet HTML 1Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 2Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 3Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 4Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 5Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 6Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 7Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 8Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
TEA2017ABT/2
Digital configurable LLC and DCM/QR PFC controller
Rev. 1.1 — 17 May 2023
Product data sheet
1 General description
The TEA2017ABT is a digital configurable LLC and PFC combo controller for high-
efficiency resonant power supplies. It includes the LLC controller and a PFC controller
that works in DCM/QR mode. The TEA2017ABT enables building a complete resonant
power supply which is easy to design and has a very low component count. The
TEA2017ABT comes in a low profile and narrow body-width SO16 package.
The TEA2017ABT digital architecture is based on a high-speed configurable hardware
state machine ensuring very reliable real-time performance. During the power supply
development, many operation and protection settings of the LLC and PFC controller
can be adjusted by loading new settings into the device to meet specific application
requirements. The configurations can be fully secured to prevent unauthorized copying of
the proprietary TEA2017ABT configuration content.
In contrast to traditional resonant topologies, the TEA2017ABT shows a very high
efficiency at low loads due to the LLC low-power mode. This mode operates in the power
region between continuous switching (also called high-power mode) and burst mode.
Because the TEA2017ABT regulates the LLC output voltage of the system via the
primary capacitor voltage, it has accurate information about the power delivered to the
output. This measured output power defines the mode of operation (burst mode, low-
power mode, or high-power mode). The transition levels of the operating modes can be
easily programmed into the device.
The TEA2017ABT contains all protections like overtemperature protection (OTP),
overcurrent protection (OCP), overvoltage protection (OVP), overpower protection (OPP),
open-loop protection (OLP), and capacitive mode regulation (CMR). Each of these
protections can be configured independently and accurately by programming parameters
inside the device.
The device contains a low-voltage and a high-voltage silicon technology for high-voltage
start-up, integrated drivers, level shifter, protections, and circuitry assuring zero-voltage
switching.
The TEA2017ABT/TEA2095T combination gives an easy to design, highly efficient, and
reliable power supply, providing 90 W to 500 W, with a minimum of external components.
The system provides a very low no-load input power (< 75 mW; total system including the
TEA2017ABT/TEA2095T combination) and high efficiency from minimum to maximum
load. This power supply meets the efficiency regulations of Energy Star, the Department
of Energy, the Eco-design directive of the European Union, the European Code of
Conduct, and other guidelines. So, any auxiliary low-power supply can be omitted.
To enhance readability, only typical values are given in this document, except in the
parametric tables (Section 9, Section 10, and Section 11). If values in the text differ from
the values for the same parameter in the parametric tables, the values in these tables are
leading.


Similar Part No. - TEA2017ABT/2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA2017ABT/1 NXP-TEA2017ABT/1 Datasheet
604Kb / 66P
Digital configurable LLC and DCM/QR PFC controller
Rev. 1.1 - 31 July 2023
More results

Similar Description - TEA2017ABT/2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1751LT_1301 NXP-TEA1751LT_1301 Datasheet
277Kb / 31P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-9 January 2013
TEA1755T PHILIPS-TEA1755T Datasheet
949Kb / 35P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1-25 October 2012
TEA1753T PHILIPS-TEA1753T Datasheet
346Kb / 32P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-24 August 2012
TEA2017AAT NXP-TEA2017AAT Datasheet
605Kb / 63P
Digital configurable LLC and multimode PFC controller
Rev. 1-14 June 2021
TEA2017ABT NXP-TEA2017ABT Datasheet
597Kb / 62P
Digital configurable LLC and DCM/QR PFC controller
Rev.1-24 February 2022
TEA6017AT NXP-TEA6017AT Datasheet
609Kb / 63P
Digital configurable LLC and multimode PFC controller
Rev. 1-11 March 2022
TEA1755T NXP-TEA1755T_V01 Datasheet
331Kb / 35P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1.1-13 March 2015
TEA2017AAT NXP-TEA2017AAT_V01 Datasheet
621Kb / 69P
Digital configurable LLC and multimode PFC controller
Rev. 1.1 - 17 May 2023
TEA2017AAT NXP-TEA2017AAT_V02 Datasheet
608Kb / 66P
Digital configurable LLC and multimode PFC controller
Rev. 1.2 - 31 July 2023
TEA2017ABT NXP-TEA2017ABT_V02 Datasheet
604Kb / 66P
Digital configurable LLC and DCM/QR PFC controller
Rev. 1.1 - 31 July 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com