Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA2017ABT/2 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # TEA2017ABT/2
Description  Digital configurable LLC and DCM/QR PFC controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA2017ABT/2 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button TEA2017ABT/2 Datasheet HTML 25Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 26Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 27Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 28Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 29Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 30Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 31Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 32Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 67 page
background image
NXP Semiconductors
TEA2017ABT/2
Digital configurable LLC and DCM/QR PFC controller
Protection
Description
Action
PFC LLC Protection
register
maximum on-time
maximum
on-time of the LLC
MOSFET
LLC MOSFET switched off;
continue operation
-
-
Y
CMR
capacitive mode
regulation
system ensures that mode of
operation is inductive
-
-
Y
OCP
overcurrent
protection
switch off cycle-by-cycle;
After several consecutive cycles,
LLC and PFC are either latched
or safe restart [1]
off
off
Y
STARTUP MAX
maximum start-up
time
LLC and PFC are either latched
or safe restart [1]
off
off
Y
OPP
overpower
protection
LLC and PFC are either latched
or safe restart [1]
off
off
Y
Table 4. Protections overview...continued
[1]
Selectable via a parameter at the MTP.
When the system is in a latched or safe restart protection, the SUPIC voltage is regulated
to its start level via the DRAINPFC pin.
8.6.1 Undervoltage protection SUPIC
When the voltage on the SUPIC pin is below its undervoltage level Vuvp(SUPIC), the PFC
and LLC converter stop switching. The capacitors at the SUPIC pin are recharged via the
DRAINPFC pin.
When the SUPIC supply voltage exceeds its start level, the system restarts.
8.6.2 MTP fail
At start-up, when the SUPIC reaches 12 V, the system reads the parameters from
the internal MTP. If reading the MTP failed, a protection is triggered. A mains reset is
required before the system starts. During this time, the PFC and LLC remain off.
8.6.3 Internal overtemperature protection (OTP)
An accurate internal temperature protection is provided in the circuit. When the junction
temperature exceeds the thermal shutdown temperature, the PFC and the LLC stop
switching.
The response of the internal OTP follows the setting of the external OTP. It can be either
latched or safe restart.
TEA2017ABT_2
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.1 — 17 May 2023
29 / 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com