Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA2017ABT/2 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TEA2017ABT/2
Description  Digital configurable LLC and DCM/QR PFC controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA2017ABT/2 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TEA2017ABT/2 Datasheet HTML 22Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 23Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 24Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 25Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 26Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 27Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 28Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 29Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 67 page
background image
NXP Semiconductors
TEA2017ABT/2
Digital configurable LLC and DCM/QR PFC controller
aaa-038661
LLC converter
PFC converter
PFC output voltage
PFC burst mode ripple = 0
LLC converter
PFC converter
PFC output voltage
PFC burst mode ripple ≥ 0
PFC burst mode ripple
Vreg = 2.5 V
Figure 24. PFC burst mode
When the PFC is in burst mode and its output voltage drops to below the regulation
level minus an adjustable ripple voltage, the PFC starts switching. When it reaches the
regulation level again, the PFC stops switching.
When the ripple voltage is set to zero, the PFC always starts switching as soon as the
LLC starts switching. When the output voltage reaches the regulation level and the LLC
stops switching, the PFC stops switching as well.
When the PFC is activated in burst mode, it continues switching until it reaches the
regulation level. As, during this time, the LLC may already have stopped switching, the
system is not supplied via the auxiliary winding and the SUPIC capacitor is discharged.
To avoid that the SUPIC voltage reaches the Vuvp(SUPIC) level, which causes the system
to restart, the PFC stops switching when the SUPIC reaches Vlow(SUPIC) level. The
system then enters the non-operating state and the internal current source is activated to
supply the IC.
8.5.7 PFC burst mode soft start/soft stop
To reduce the audible noise, a soft start and a soft stop can be added to the PFC burst
mode. During a soft start, the average PFC current starts at zero and increases to the
required level. A soft stop implies that the average PFC current decreases from the
regulation level down to zero. The rates of increase and decrease are independently
adjustable.
8.5.8 Valley switching and demagnetization
The PFC MOSFET of the TEA2017ABT is switched on after the transformer is
demagnetized.
To reduce switching losses and electromagnetic interference (EMI), the next stroke is
started when the PFC MOSFET drain-source voltage is at its minimum (valley switching).
The demagnetization and valley detection are measured via the SNSCURPFC and the
DRAINPFC pin.
If no valley signal is detected on the DRAINPFC pin, the controller generates a valley
signal (tto(vrec); 7 μs typical) after demagnetization is detected.
TEA2017ABT_2
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.1 — 17 May 2023
26 / 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com