Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA2017ABT/2 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # TEA2017ABT/2
Description  Digital configurable LLC and DCM/QR PFC controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA2017ABT/2 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button TEA2017ABT/2 Datasheet HTML 48Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 49Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 50Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 51Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 52Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 53Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 54Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 55Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 67 page
background image
NXP Semiconductors
TEA2017ABT/2
Digital configurable LLC and DCM/QR PFC controller
Tamb = 25 °C; VSUPIC = 19.5 V; all voltages are measured with respect to GND; currents are positive when flowing into the
IC; unless otherwise specified.
Expected values for different MTP settings (min/typ/max) are provided in the documentation in the Ringo software.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Ibo
brownout current
4.6
4.8
5.0
μA
Ibo(hys)
hysteresis of brownout current Ibi − Ibo
0.66
0.73
0.80
μA
PFC
45
50
55
ms
td(det)bo
brownout detection delay time
LLC
225
250
275
ms
External overtemperature measurement
Io(SNSMAINS)
output current on pin
SNSMAINS
−645
−600
−565
μA
tdet(max)NTC
NTC maximum detection time
45
50
55
μs
Vdet(SNSMAINS)
detection voltage on pin
SNSMAINS
NTC measurement;
ISNSMAINS = −600 μA
2.89
3.08
3.27
V
td(otp)
overtemperature protection
delay time
3.6
4.0
4.4
s
X-capacitor discharge
td(dch)
discharge delay time
180
200
220
ms
SNSCURPFC pin
Io(min)SNSCURPFC
minimum output current on pin
SNSCURPFC
for open pin protection;
VSNSCURPFC = 500 mV
−0.8
−0.6
−0.4
μA
Vdet(SNSCURPFC)
detection voltage on pin
SNSCURPFC
open pin detection level
190
235
280
mV
Vdet(demag)
demagnetization detection
voltage
−15
−10
−5
mV
Vocp(PFC)
PFC overcurrent protection
voltage
−320
−300
−275
mV
td(swoff)driver
driver switch-off delay time
dV/dt ≤ −0.5 V/μs
300
375
450
ns
Valley sensing (DRAINPFC pin)
ΔVdet(min)/Δt
minimum slope detection
voltage
−50
-
-
V/μs
ΔVdet(min)
minimum detection voltage
change
ringing frequency = 1 MHz
9
15
21
V
tto(vrec)
valley recognition time-out time
6.3
7.0
7.7
μs
PFC
PFC timing
toff(PFC)min
PFC minimum off-time
0.45
0.50
0.55
μs
Table 7. Characteristics...continued
TEA2017ABT_2
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.1 — 17 May 2023
52 / 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com