Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA2017ABT/2 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TEA2017ABT/2
Description  Digital configurable LLC and DCM/QR PFC controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA2017ABT/2 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TEA2017ABT/2 Datasheet HTML 3Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 4Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 5Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 6Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 7Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 8Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 9Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 10Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
NXP Semiconductors
TEA2017ABT/2
Digital configurable LLC and DCM/QR PFC controller
8 Functional description
8.1 Supply voltages
The TEA2017ABT includes:
• A high-voltage supply pin for start-up (DRAINPFC)
• A general supply to be connected to an external auxiliary winding (SUPIC pin)
• A floating supply for the high-side driver (SUPHS pin)
8.1.1 Start-up and supply voltage
Initially, the capacitor on the SUPIC pin is charged via the DRAINPFC pin. The
DRAINPFC pin is connected to the drain voltage of the PFC MOSFET. Internally, a
high-voltage current source is located between the DRAINPFC pin and the SUPIC pin
(see Figure 3).
aaa-038658
VALLEYDET
OVP_PROT
Vstart(SUPIC)
I = lch(SUPIC) = f(temp)
xcap discharge
SUPIC
DRAINPFC
PFC
Vprot(ovp)PFC
Figure 3. HV start-up
The maximum current of the internal current source is limited to Ich(SUPIC). To limit the IC
dissipation, the charge current is reduced when the current source exceeds its maximum
temperature.
At start-up, when the SUPIC reaches the Vstart(SUPIC) level, it is continuously regulated to
this start level with a hysteresis (Vstart(hys)SUPIC).
When the start level is reached, it reads the internal MTP (multi-time programmable
memory) and defines the settings.
When the settings have been defined, the PFC starts up. When the SNSBOOST reaches
the minimum level Vstart(SNSBOOST), the LLC also starts switching (see Figure 4 and
Figure 5).
When start-up is complete and the LLC controller is operating, the LLC transformer
auxiliary winding supplies the SUPIC pin. In this operational state, the HV start-up source
is disabled.
TEA2017ABT_2
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.1 — 17 May 2023
7 / 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com