Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA2017ABT/2 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # TEA2017ABT/2
Description  Digital configurable LLC and DCM/QR PFC controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA2017ABT/2 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button TEA2017ABT/2 Datasheet HTML 35Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 36Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 37Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 38Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 39Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 40Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 41Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 42Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
NXP Semiconductors
TEA2017ABT/2
Digital configurable LLC and DCM/QR PFC controller
8.8.2 PFC settings
8.8.2.1 Soft-start time
For the start-up time of the PFC, the following RC time periods can be selected: 13 ms,
25 ms, 51 ms, or 102 ms.
8.8.2.2 Active X-capacitor discharge
When the TEA2017ABT detects that the mains is disconnected, the X-capacitor
discharge is activated after a delay of td(dch). The following delays can be selected:
100 ms, 200 ms, and 400 ms. This function can also be disabled.
8.8.2.3 Mains measurement impedance
To realize a low no-load input power level, the external resistor connected to the
SNSMAINS pin for measuring the mains input voltage is typically 20 MΩ.
However, some applications request a maximum resistance of 10 MΩ. With this bit,
10 MΩ or 20 MΩ can be selected for the external resistor without affecting the mains
voltage-related levels like brownin and brownout.
8.8.2.4 Number of mains resistors
To achieve the lowest possible no-load input power, a single mains sense resistor can be
used. If continuously measuring the mains voltage is necessary, two mains resistors can
be used.
For proper functionality, the resistor value and number of resistors in the application are
required to correspond to the IC settings.
8.8.2.5 PFC mode of operation
The PFC of the TEA2017ABT works in DCM/QR mode. However, the frequency varies
between the minimum and maximum frequency.
The option to disable the PFC can be selected for evaluation purposes.
8.8.2.6 PFC minimum and maximum frequency
The minimum switching frequency of the PFC can be set within a range from 25 kHz to
80 kHz. The PFC always waits until the PFC coil is demagnetized before starting the next
cycle. As a result, the switching frequency can drop to below the minimum frequency.
The maximum frequency can be set within a range from 75 kHz to 250 kHz.
8.8.2.7 Burst mode: Output voltage ripple
When the PFC enters burst mode, it stops switching when the SNSBOOST voltage,
which reflects the PFC output voltage, reaches its regulation level and the LLC stops
switching. When the voltage at the SNSBOOST pin has dropped to a programmed level,
the PFC is enabled again. For the difference between these two levels the following
values can be selected: 70 mV, 105 mV, 140 mV, 175 mV, 210 mV, 245 mV, and 280 mV.
These values typically correspond with a ripple on the PFC output voltage of 10 V, 16 V,
22 V, 28 V, 34 V, 40 V, and 46 V.
TEA2017ABT_2
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.1 — 17 May 2023
39 / 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com