Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA2017ABT/2 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TEA2017ABT/2
Description  Digital configurable LLC and DCM/QR PFC controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA2017ABT/2 Datasheet(HTML) 2 Page - NXP Semiconductors

  TEA2017ABT/2 Datasheet HTML 1Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 2Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 3Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 4Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 5Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 6Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 7Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 8Page - NXP Semiconductors TEA2017ABT/2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 67 page
background image
NXP Semiconductors
TEA2017ABT/2
Digital configurable LLC and DCM/QR PFC controller
2 Features and benefits
2.1 Distinctive features
• Complete functionality of a PFC and LLC controller in a single small-size SO16
package
• Integrated high-voltage start-up
• Integrated drivers and high-voltage level shifter (LS)
• High-side driver directly supplied from the low-side driver output
• Accurate boost voltage regulation
• PFC that works in DCM/QR mode
• Integrated X-capacitor discharge without additional external components
• Power good function
• PFC jitter for optimized EMI performance
• Excellent power factor (PF) and total harmonic distortion (THD), as the PFC current
compensates for the input filter current
• Several parameters can easily be configured during evaluation with use of the
graphical user interface (GUI), like:
– Operating frequencies to be outside the audible area at all operating modes
– Soft start and soft stop in burst mode, reducing the audible noise
– Accurate transition levels between operation modes (high-power mode/low-power
mode/burst mode)
– Enabling/disabling the lower power mode
• Can easily be combined with an external standby supply
2.2 Green features
• Valley/zero voltage switching for minimum switching losses
• Extremely high efficiency from low load to high load
• Compliant with latest energy-saving standards and directives (Energy Star, EuP)
• Excellent no-load input power (< 75 mW for TEA2017ABT/TEA2095T combination)
TEA2017ABT_2
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.1 — 17 May 2023
2 / 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com