Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLC10G22XS-401AVT Datasheet(PDF) 3 Page - Ampleon Netherlands B.V.

Part # BLC10G22XS-401AVT
Description  Power LDMOS transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLC10G22XS-401AVT Datasheet(HTML) 3 Page - Ampleon Netherlands B.V.

  BLC10G22XS-401AVT Datasheet HTML 1Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 2Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 3Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 4Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 5Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 6Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 7Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 8Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
BLC10G22XS-401AVT
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2022. All rights reserved.
Product data sheet
Rev. 1 — 20 May 2022
3 of 14
BLC10G22XS-401AVT
Power LDMOS transistor
6.
Characteristics
Table 6.
DC characteristics
Tj = 25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max Unit
Main device
V(BR)DSS
drain-source breakdown voltage VGS =0V; ID = 1.3 mA
65
--V
VGS(th)
gate-source threshold voltage
VDS =10 V; ID = 131 mA
1.6
2.0
2.4
V
VGSq
gate-source quiescent voltage
VDS =30 V; ID = 776 mA
-
2.1
-
V
IDSS
drain leakage current
VGS =0V; VDS =32V
-
-
1.4
A
IDSX
drain cut-off current
VGS =VGS(th) +2.37 V
-
24
-
A
IGSS
gate leakage current
VGS =9V; VDS = 0 V
-
-
140
nA
gfs
forward transconductance
VDS =10 V; ID = 4.585 A
-
13
-
S
RDS(on)
drain-source on-state resistance VGS =VGS(th) + 2.37 V;
ID =4.585 A
-
99
170
m
Peak device
V(BR)DSS
drain-source breakdown voltage VGS =0V; ID = 2.2 mA
65
--V
VGS(th)
gate-source threshold voltage
VDS =10 V; ID = 217 mA
1.6
2.0
2.4
V
VGSq
gate-source quiescent voltage
VDS =30 V; ID =1100mA
-
2.2
-
V
IDSS
drain leakage current
VGS =0V; VDS =32V
-
-
1.4
A
IDSX
drain cut-off current
VGS =VGS(th) +2.37 V
-
38
-
A
IGSS
gate leakage current
VGS =9V; VDS = 0 V
-
-
140
nA
gfs
forward transconductance
VDS =10 V; ID = 7.595 A
-
20
-
S
RDS(on)
drain-source on-state resistance VGS =VGS(th) + 2.37 V;
ID =7.595 A
-
65
107
m
Table 7.
RF characteristics
Test signal: 1-carrier W-CDMA; PAR = 9.6 dB at 0.01 % probability on the CCDF; 3GPP test
model 1; 1 to 64 DPCH; f1 = 2112.5 MHz; f2 = 2197.5 MHz; RF performance at VDS =30V;
IDq = 776 mA (main); VGS(amp)peak =0.770 V; Tcase =25 C; unless otherwise specified; in an
asymmetrical Doherty production test circuit at frequencies from 2110 MHz to 2200 MHz.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Gp
power gain
PL(AV) = 56.2 W
14
15
-
dB
RLin
input return loss
PL(AV) = 56.2 W
-
17
9dB
D
drain efficiency
PL(AV) = 56.2 W
44
48
-
%
ACPR
adjacent channel power ratio
PL(AV) = 56.2 W
-
29
25
dBc
Table 8.
RF characteristics
Test signal: 1-carrier W-CDMA; PAR = 9.6 dB at 0.01 % probability on the CCDF; 3GPP test
model 1; 1 to 64 DPCH; f1 = 2112.5 MHz; f2 = 2197.5 MHz; RF performance at VDS =30V;
IDq = 776 mA (main); VGS(amp)peak =0.770 V; Tcase =25 C; unless otherwise specified; in an
asymmetrical Doherty production test circuit at frequencies from 2110 MHz to 2200 MHz.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
PARO
output peak-to-average ratio
PL(AV) = 89.1 W
5.9
6.5
-
dB
PL(M)
peak output power
PL(AV) = 89.1 W
340
390
-
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com