Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLC10G22XS-401AVT Datasheet(PDF) 11 Page - Ampleon Netherlands B.V.

Part # BLC10G22XS-401AVT
Description  Power LDMOS transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLC10G22XS-401AVT Datasheet(HTML) 11 Page - Ampleon Netherlands B.V.

Back Button BLC10G22XS-401AVT Datasheet HTML 6Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 7Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 8Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 9Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 10Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 11Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 12Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 13Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 14Page - Ampleon Netherlands B.V.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
BLC10G22XS-401AVT
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2022. All rights reserved.
Product data sheet
Rev. 1 — 20 May 2022
11 of 14
BLC10G22XS-401AVT
Power LDMOS transistor
9.
Handling information
[1]
CDM classification C3 is granted to any part that passes after exposure to an ESD pulse of 1000 V.
[2]
HBM classification 2 is granted to any part that passes after exposure to an ESD pulse of 2000 V.
10. Abbreviations
11. Revision history
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Observe precautions for handling
electrostatic sensitive devices.
Such precautions are described in the ANSI/ESD S20.20, IEC/ST 61340-5, JESD625-A or
equivalent standards.
Table 12.
ESD sensitivity
ESD model
Class
Charged Device Model (CDM); According to ANSI/ESDA/JEDEC standard JS-002
C3 [1]
Human Body Model (HBM); According to ANSI/ESDA/JEDEC standard JS-001
2 [2]
Table 13.
Abbreviations
Acronym
Description
3GPP
3rd Generation Partnership Project
AM
Amplitude Modulation
CCDF
Complementary Cumulative Distribution Function
CW
Continuous Wave
DPCH
Dedicated Physical CHannel
ESD
ElectroStatic Discharge
LDMOS
Laterally Diffused Metal-Oxide Semiconductor
MTF
Median Time to Failure
OBO
Output Back Off
PAR
Peak-to-Average Ratio
PM
Phase Modulation
RoHS
Restriction of Hazardous Substances
SMD
Surface Mounted Device
VBW
Video BandWidth
VSWR
Voltage Standing Wave Ratio
W-CDMA
Wideband Code Division Multiple Access
Table 14.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
BLC10G22XS-401AVT v.1
20220522
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com