Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLC10G22XS-401AVT Datasheet(PDF) 6 Page - Ampleon Netherlands B.V.

Part # BLC10G22XS-401AVT
Description  Power LDMOS transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLC10G22XS-401AVT Datasheet(HTML) 6 Page - Ampleon Netherlands B.V.

Back Button BLC10G22XS-401AVT Datasheet HTML 2Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 3Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 4Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 5Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 6Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 7Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 8Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 9Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 10Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
BLC10G22XS-401AVT
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2022. All rights reserved.
Product data sheet
Rev. 1 — 20 May 2022
6 of 14
BLC10G22XS-401AVT
Power LDMOS transistor
7.3 Test circuit
Printed-Circuit Board (PCB): Rogers RO4350B;
r = 3.5; thickness = 0.508 mm; thickness copper
plating = 35
m.
See Table 11 for a list of components.
Fig 2.
Component layout
C15
C24
C20
C21
C3
C4
C5
R1
C11
R2
C12
C18
C1
C22
C25
C2
C9
C10
C6
X1
C14
R3
C19
C13
C8
C7
C17
C23
C16
109.9 mm
80 mm
amp01766
Table 11.
List of components
For test circuit see Figure 2.
Component
Description
Value
Remarks
C1, C2, C3, C4, C5,
C6, C7, C8, C9, C10
multilayer ceramic chip capacitor 10
F, 100 V
Murata: GRM32EC72A106KE05L, SMD 1210
C11, C12, C13, C14,
C15, C16, C17
multilayer ceramic chip capacitor 10 pF
Murata: GQM21 Hi-Q 250V series, SMD 0805
C18, C22, C23
multilayer ceramic chip capacitor 0.5 pF
Murata: GQM21 Hi-Q 250V series, SMD 0805
C19
multilayer ceramic chip capacitor 0.7 pF
Murata: GQM21 Hi-Q 250V series, SMD 0805
C20, C21
multilayer ceramic chip capacitor 3.3 pF
Murata: GQM21 Hi-Q 250V series, SMD 0805
C24, C25
electrolytic capacitor
470
F, 63 V
Panasonic: EEVFK1J471M
R1
resistor
50
, 8 W
Anaren: C8A50Z4B
R2, R3
resistor
5.1
, 1 %
SMD 0603
X1
hybrid coupler
2 dB, 90
Anaren: X3C20F1-02S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com