Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLC10G22XS-401AVT Datasheet(PDF) 4 Page - Ampleon Netherlands B.V.

Part # BLC10G22XS-401AVT
Description  Power LDMOS transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLC10G22XS-401AVT Datasheet(HTML) 4 Page - Ampleon Netherlands B.V.

  BLC10G22XS-401AVT Datasheet HTML 1Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 2Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 3Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 4Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 5Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 6Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 7Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 8Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
BLC10G22XS-401AVT
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2022. All rights reserved.
Product data sheet
Rev. 1 — 20 May 2022
4 of 14
BLC10G22XS-401AVT
Power LDMOS transistor
7.
Test information
7.1 Ruggedness in Doherty operation
The BLC10G22XS-401AVT is capable of withstanding a load mismatch corresponding to
VSWR = 10 : 1 through all phases under the following conditions: VDS =32V;
IDq =776 mA; VGS(amp)peak = 0.74 V; f = 2210 MHz; PL = 160 W (5 dB OBO); 1-carrier
W-CDMA; 3GPP test model 1; 64 DPCH; PAR = 9.6 dB at 0.01 % probability on CCDF.
7.2 Impedance information
[1]
ZS and ZL defined in Figure 1.
[2]
At 3 dB gain compression.
[1]
ZS and ZL defined in Figure 1.
[2]
At 3 dB gain compression.
Table 9.
Typical impedance of main device
Measured load-pull data of main device; IDq = 650 mA (main); VDS = 30 V; pulsed CW (tp = 100 s;
 =10%).
f
ZS [1]
ZL [1]
PL [2]
D
[2]
Gp [2]
(MHz)
(
)
(
)
(W)
(%)
(dB)
Maximum power load
2110
3.8
 j11.3
2.8
 j7.7
206
59.7
14.9
2140
4.6
 j12.0
2.8
 j7.7
205
59.6
14.9
2170
5.7
 j12.7
2.8
 j7.7
202
59.2
15.0
Maximum drain efficiency load
2110
3.7
 j11.6
6.0
 j5.3
137
70.0
17.1
2140
4.6
 j12.3
5.9
 j5.3
134
69.8
17.2
2170
5.7
 j13.0
5.3
 j5.0
133
69.2
17.2
Table 10.
Typical impedance of peak device
Measured load-pull data of peak device; IDq = 1085 mA (peak); VDS = 30 V; pulsed CW (tp =100 s;
 =10%).
f
ZS [1]
ZL [1]
PL [2]
D
[2]
Gp [2]
(MHz)
(
)
(
)
(W)
(%)
(dB)
Maximum power load
2110
4.2
 j9.5
6.3
 j6.8
305
57.7
15.6
2140
5.4
 j9.4
6.3
 j6.8
303
57.5
15.7
2170
6.7
 j8.7
6.3
 j6.8
300
57.3
15.8
Maximum drain efficiency load
2110
4.3
 j9.4
4.0
 j3.2
220
66.7
17.6
2140
5.6
 j9.1
4.0
 j3.2
214
66.4
17.8
2170
6.8
 j8.0
3.7
 j3.5
209
66.1
17.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com