Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLC10G22XS-401AVT Datasheet(PDF) 8 Page - Ampleon Netherlands B.V.

Part # BLC10G22XS-401AVT
Description  Power LDMOS transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLC10G22XS-401AVT Datasheet(HTML) 8 Page - Ampleon Netherlands B.V.

Back Button BLC10G22XS-401AVT Datasheet HTML 4Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 5Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 6Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 7Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 8Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 9Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 10Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 11Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 12Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
BLC10G22XS-401AVT
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2022. All rights reserved.
Product data sheet
Rev. 1 — 20 May 2022
8 of 14
BLC10G22XS-401AVT
Power LDMOS transistor
7.4.2 1-Carrier W-CDMA
Test signal: 3GPP test model 1; 1 to 64 DPCH (100 % clipping); PAR = 9.9 dB at 0.01 %
probability on CCDF per carrier.
VDS =30V; IDq = 770 mA; VGS(amp)peak = 0.764 V.
(1) f = 2110 MHz
(2) f = 2155 MHz
(3) f = 2200 MHz
VDS =30V; IDq = 770 mA; VGS(amp)peak =0.764 V.
(1) f = 2110 MHz
(2) f = 2155 MHz
(3) f = 2200 MHz
Fig 6.
Power gain as a function of output power;
typical values
Fig 7.
Drain efficiency as a function of output power;
typical values
VDS =30V; IDq = 770 mA; VGS(amp)peak = 0.764 V.
(1) f = 2110 MHz
(2) f = 2155 MHz
(3) f = 2200 MHz
VDS =30V; IDq = 770 mA; VGS(amp)peak =0.764 V.
(1) f = 2110 MHz
(2) f = 2155 MHz
(3) f = 2200 MHz
Fig 8.
Adjacent channel power ratio (5 MHz) as a
function of output power; typical values
Fig 9.
Peak-to-average power ratio as a function of
output power; typical values
amp01770
38
40
42
44
46
48
50
52
12
13
14
15
16
17
PL (dBm)
Gp
Gp
(dB)
(dB)
(dB)
(3)
(3)
(3)
(2)
(2)
(2)
(1)
(1)
(1)
amp01771
38
40
42
44
46
48
50
52
0
10
20
30
40
50
60
PL (dBm)
ηD
ηD
(%)
(%)
(%)
(3)
(3)
(3)
(2)
(2)
(2)
(1)
(1)
(1)
amp01772
38
40
42
44
46
48
50
52
-50
-45
-40
-35
-30
-25
-20
PL (dBm)
ACPR
ACPR5M
5M
ACPR5M
(dBc)
(dBc)
(dBc)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
amp01773
38
40
42
44
46
48
50
52
5
6
7
8
9
10
11
PL (dBm)
PAR
PAR
PAR
(dB)
(dB)
(dB)
(3)
(3)
(3)
(2)
(2)
(2)
(1)
(1)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com