Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLC10G22XS-401AVT Datasheet(PDF) 2 Page - Ampleon Netherlands B.V.

Part # BLC10G22XS-401AVT
Description  Power LDMOS transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLC10G22XS-401AVT Datasheet(HTML) 2 Page - Ampleon Netherlands B.V.

  BLC10G22XS-401AVT Datasheet HTML 1Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 2Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 3Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 4Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 5Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 6Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 7Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 8Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
BLC10G22XS-401AVT
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2022. All rights reserved.
Product data sheet
Rev. 1 — 20 May 2022
2 of 14
BLC10G22XS-401AVT
Power LDMOS transistor
2.
Pinning information
[1]
Connected to flange.
3.
Ordering information
4.
Limiting values
[1]
Continuous use at maximum temperature will affect the reliability, for details refer to the online MTF
calculator.
5.
Thermal characteristics
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
drain1 (main)
2
drain2 (peak)
3
gate1 (main)
4
gate2 (peak)
5
video decoupling (main)
6
video decoupling (peak)
7source
[1]
51
26
7
34
4
3
7
1, 5
2, 6
amp01357
Table 3.
Ordering information
Type number
Package
Name Description
Version
BLC10G22XS-401AVT -
air cavity plastic earless flanged package; 6 leads
SOT1275-1
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
-
65
V
VGS(amp)main
main amplifier gate-source voltage
6+9
V
VGS(amp)peak
peak amplifier gate-source voltage
6+9
V
Tstg
storage temperature
65
+150
C
Tj
junction temperature
[1] -225
C
Tcase
case temperature
operating
[1]
40
+125
C
Table 5.
Thermal characteristics
Symbol Parameter
Conditions
Typ
Unit
Rth(j-c)
thermal resistance from junction
to case
VDS =30V; IDq = 580 mA (main);
VGS(amp)peak =0.70V; Tcase =80 C
PL = 56 W
0.29
K/W
PL = 71 W
0.27
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com