Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLC10G22XS-401AVT Datasheet(PDF) 9 Page - Ampleon Netherlands B.V.

Part # BLC10G22XS-401AVT
Description  Power LDMOS transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLC10G22XS-401AVT Datasheet(HTML) 9 Page - Ampleon Netherlands B.V.

Back Button BLC10G22XS-401AVT Datasheet HTML 5Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 6Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 7Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 8Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 9Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 10Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 11Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 12Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 13Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
BLC10G22XS-401AVT
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2022. All rights reserved.
Product data sheet
Rev. 1 — 20 May 2022
9 of 14
BLC10G22XS-401AVT
Power LDMOS transistor
7.4.3 Group delay
7.4.4 2-Tone VBW
VDS =30V; IDq = 770 mA; VGS(amp)peak = 0.764 V.
Fig 10. Group delay time as a function of frequency; typical values
amp01774
1800
1900
2000
2100
2200
2300
2400
2500
0.5
1
1.5
2
2.5
3
3.5
f (MHz)
td(grp)
d(grp)
td(grp)
(ns)
(ns)
(ns)
VDS =30V; IDq = 770 mA; VGS(amp)peak = 0.746 V: PL = 47.75 dBm; f = 2155 MHz.
(1) IMD low
(2) IMD high
Fig 11. VBW capability
amp01775
1
10
102
103
-70
-60
-50
-40
-30
-20
-10
carrier spacing (MHz)
IMD
IMD
IMD
(dBc)
(dBc)
(dBc)
(1)
(1)
(1)
(2)
(2)
(2)
(1)
(1)
(1)
(2)
(2)
(2)
(1)
(1)
(1)
(2)
(2)
(2)
IMD3
IMD3
IMD3
IMD5
IMD5
IMD5
IMD7
IMD7
IMD7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com