Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLC10G22XS-401AVT Datasheet(PDF) 1 Page - Ampleon Netherlands B.V.

Part # BLC10G22XS-401AVT
Description  Power LDMOS transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLC10G22XS-401AVT Datasheet(HTML) 1 Page - Ampleon Netherlands B.V.

  BLC10G22XS-401AVT Datasheet HTML 1Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 2Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 3Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 4Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 5Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 6Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 7Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 8Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
Product profile
1.1 General description
400 W LDMOS packaged asymmetric Doherty power transistor for base station
applications at frequencies from 2110 MHz to 2200 MHz.
[1]
Test signal: 1-carrier W-CDMA; 3GPP test model 1; 64 DPCH; PAR = 9.9 dB at 0.01 % probability on
CCDF.
1.2 Features and benefits
 Excellent ruggedness
 High efficiency
 Low thermal resistance providing excellent thermal stability
 Lower output capacitance for improved performance in Doherty applications
 Designed for low memory effects providing excellent digital pre-distortion capability
 Internally matched for ease of use
 Integrated ESD protection
 For RoHS compliance see the product details on the Ampleon website
1.3 Applications
 RF power amplifiers for base stations and multi carrier applications in the 2110 MHz to
2200 MHz frequency range
BLC10G22XS-401AVT
Power LDMOS transistor
Rev. 1 — 20 May 2022
Product data sheet
Table 1.
Typical performance
Typical RF performance at Tcase = 25 C in an asymmetrical Doherty demo circuit. VDS =30V;
IDq = 630 mA (main); VGS(amp)peak = 0.8 V, unless otherwise specified.
Test signal
f
VDS
PL(AV)
Gp
D
ACPR
(MHz)
(V)
(W/dBm)
(dB)
(%)
(dBc)
1-carrier W-CDMA
2110 to 2200
30
56/47.5
15.4
49.3
30 [1]


Similar Part No. - BLC10G22XS-401AVT

ManufacturerPart #DatasheetDescription
logo
Ampleon Netherlands B.V...
BLC10G22XS-400AVT AMPLEON-BLC10G22XS-400AVT Datasheet
1Mb / 16P
Power LDMOS transistor
Rev. 1 ??30 April 2018
More results

Similar Description - BLC10G22XS-401AVT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
Power LDMOS transistor
Rev. 01-28 January 2008
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
Power LDMOS transistor
Rev. 03-13 January 2009
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
Power LDMOS transistor
Rev. 3-18 November 2010
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
Power LDMOS transistor
Rev. 5-12 November 2013
BLA8G1011L(S)-300 PHILIPS-BLA8G1011L(S)-300_15 Datasheet
200Kb / 14P
Power LDMOS transistor
Rev. 2-26 January 2015
BLC8G22LS-450AV PHILIPS-BLC8G22LS-450AV_15 Datasheet
225Kb / 15P
Power LDMOS transistor
Rev. 3-2 June 2015
BLF6G10-200RN PHILIPS-BLF6G10-200RN_15 Datasheet
169Kb / 11P
Power LDMOS transistor
Rev. 02-21 January 2010
BLF6G13L-250P PHILIPS-BLF6G13L-250P_15 Datasheet
159Kb / 14P
Power LDMOS transistor
Rev. 3-14 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com