Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893AF Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # ICS1893AF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1893AF Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button ICS1893AF Datasheet HTML 97Page - Renesas Technology Corp ICS1893AF Datasheet HTML 98Page - Renesas Technology Corp ICS1893AF Datasheet HTML 99Page - Renesas Technology Corp ICS1893AF Datasheet HTML 100Page - Renesas Technology Corp ICS1893AF Datasheet HTML 101Page - Renesas Technology Corp ICS1893AF Datasheet HTML 102Page - Renesas Technology Corp ICS1893AF Datasheet HTML 103Page - Renesas Technology Corp ICS1893AF Datasheet HTML 104Page - Renesas Technology Corp ICS1893AF Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 137 page
background image
Chapter 9
Pin Diagram, Listings, and Descriptions
ICS1893AF, Rev. D 10/26/04
October, 2004
101
ICS1893AF Data Sheet - Release
Copyright © 2004, Integrated Circuit Systems, Inc.
All rights reserved.
9.2.2
Multi-Function (Multiplexed) Pins: PHY Address and LED Pins
Table 9-6 lists the pins for the multi-function group of pins (that is, the multiplexed PHY Address / LED pins).
Note:
1.
During either a power-on reset or a hardware reset, each multi-function configuration pin is an input
that is sampled when the ICS1893AF exits the reset state. After sampling is complete, these pins are
output pins that can drive status LEDs.
2.
A software reset does not affect the state of a multi-function configuration pin. During a software reset,
all multi-function configuration pins are outputs.
3.
Each multi-function configuration pin must be pulled either up or down with a resistor to establish the
address of the ICS1893AF. LEDs placed in series with these resistors provide a designated status
indicator.
Caution:
All pins listed in Table 9-6 must not float.
4.
As outputs, the asserted state of a multi-function configuration pin is the inverse of the sense sampled
during reset. This inversion provides a signal that can illuminate an LED during an asserted state. For
example, if a multi-function configuration pin is pulled down to ground through an LED and a
current-limiting resistor, then the sampled sense of the input is low. To illuminate an LED for the
asserted state requires the output to be high.
Note:
Each of these pins monitor the data link by providing signals that directly drive LEDs.
Table 9-6.
PHY Address and LED Pins
Pin
Name
Pin
Number
Pin
Type
Pin Description
P0AC
1
Input or
Output
PHY (Address Bit) 0 / Activity LED.
For more information on this pin, see Section 6.5, “Status Interface”.
• This multi-function configuration pin is:
– An input pin during either a power-on reset or a hardware reset. In
this case, this pin configures the ICS1893AF PHY address Bit 0.
– An output pin following reset. In this case, this pin provides indication
of Receive “OR” Transmit activity.
As an input pin:
• This pin establishes the address for the ICS1893AF. When the signal
on this pin is logic:
– Low, that address bit is set to logic zero.
– High, that address bit is set to logic one.
As an output pin:
• When the signal on this pin is:
– De-asserted, this state indicates the ICS1893AF does not have
activity.
– Asserted, this state indicates the ICS1893AF has activity.
Caution:
This pin must not float. (See the notes at Section 9.2.2,
“Multi-Function (Multiplexed) Pins: PHY Address and LED
Pins”.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com