Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893AF Datasheet(PDF) 105 Page - Renesas Technology Corp

Part # ICS1893AF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1893AF Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button ICS1893AF Datasheet HTML 101Page - Renesas Technology Corp ICS1893AF Datasheet HTML 102Page - Renesas Technology Corp ICS1893AF Datasheet HTML 103Page - Renesas Technology Corp ICS1893AF Datasheet HTML 104Page - Renesas Technology Corp ICS1893AF Datasheet HTML 105Page - Renesas Technology Corp ICS1893AF Datasheet HTML 106Page - Renesas Technology Corp ICS1893AF Datasheet HTML 107Page - Renesas Technology Corp ICS1893AF Datasheet HTML 108Page - Renesas Technology Corp ICS1893AF Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 137 page
background image
Chapter 9
Pin Diagram, Listings, and Descriptions
ICS1893AF, Rev. D 10/26/04
October, 2004
105
ICS1893AF Data Sheet - Release
Copyright © 2004, Integrated Circuit Systems, Inc.
All rights reserved.
9.2.4
MAC Interface Pins
This section lists pin descriptions for each of the following interfaces
• Section 9.2.4.1, “MAC Interface Pins for Media Independent Interface”
9.2.4.1
MAC Interface Pins for Media Independent Interface
Table 9-8 lists the MAC/Repeater Interface pin descriptions for the MII.
Table 9-8.
MAC/Repeater Interface Pins: Media Independent Interface (MII)
Pin
Name
Pin
Number
Pin
Type
Pin Description
COL
43
Output
Collision (Detect).
The ICS1893AF asserts a signal on the COL pin when the ICS1893AF
detects receive activity while transmitting (that is, while the TXEN signal is
asserted by the MAC/repeater, that is, when transmitting). When the
mode is:
• 10Base-T, the ICS1893AF detects receive activity by monitoring the
un-squelched MDI receive signal.
• 100Base-TX, the ICS1893AF detects receive activity when there are
two non-contiguous zeros in any 10-bit symbol derived from the MDI
receive data stream.
Note:
1. The signal on the COL pin is not synchronous to either RXCLK or
TXCLK.
2. In full-duplex mode, the COL signal is disabled and always remains
low.
3. The COL signal is asserted as part of the signal quality error (SQE)
test. This assertion can be suppressed with the SQE Test Inhibit bit (bit
18.2).
CRS
44
Output
Carrier Sense.
When the ICS1893AF mode is:
• Half-duplex, the ICS1893AF asserts a signal on its CRS pin when it
detects either receive or transmit activity.
• Either full-duplex or Repeater mode, the ICS1893AF asserts a signal
on its CRS pin only in response to receive activity.
Note: The signal on the CRS pin is not synchronous to the signal on
either the RXCLK or TXCLK pin.
MDC
27
Input
Management Data Clock.
The ICS1893AF uses the signal on the MDC pin to synchronize the
transfer of management information between the ICS1893AF and the
Station Management Entity (STA), using the serial MDIO data line. The
MDC signal is sourced by the STA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com