Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ING-RRC Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ING-RRC
Description  1.32 Gbit/s Serial Link Transmitter and Receiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ING-RRC Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ING-RRC Datasheet HTML 6Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 7Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 8Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 9Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 10Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 11Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 12Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 13Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
INGT165B / INGR165B
10/2003 - rev. 2.0
10 of 21
3.2.5 FLAGI / FLAGO Timing
With the FLAGI / FLAGO signals a mechanism is provided to implement a sideband signalling. Each rising
edge at the Transmitter’s input FLAGI toggles the FLAGO output of the Receiver. The timing diagram for
the FLAGI/FLAGO signal is shown in combination with the Transmitter signals. Note that when the FLAGI
signal is asserted, the following RDCLK high state time span is enlarged by app. 6 ns. At the Receiver, the
WRCLK low state time span is enlarged by app. 6 ns when the FLAGO output toggles. In the diagrams
below, the PARGEN is active at the Transmitter, therefore no external parity is provided.
Note : * indicates the data words [DW1, DW3] that are marked by the FLAGI signal.
Figure 10: INGT165B / INGR165B FLAGI and FLAGO Timing Diagram
Parameter
Description
Min.
Typ.
Max.
Unit
t15
Rising edge of RDCLK to rising edge of FLAGI
0
18
ns
t16
FLAGI minimum high state
4
6
ns
t17
FLAGI minimum low state
4
6
ns
t18
RDCLK cycle time after assertion of FLAGI (one cycle only)
36
ns
t19
Rising edge of WRCLK to PDATA, PARITY and FLAGO valid
1
4
ns
t20
WRCLK cycle time for data word marked by FLAGO toggle
36
ns
Table 5: INGT165B / INGR165B FLAGI and FLAGO Timing Parameters
(under recommended operating conditions)
RECEIVER
RESET#
LOCK
LSYNC#
WRCLK
PDATA [35..0]
DW1*
DW2
DW3*
DW4
DW5...
FLAGO
PARITY
PARITY1
PARITY2
PARITY3
PARITY4
PARITY5...
RESET#
FLAGI
PARGEN
VALID
RDCLK
PDATA [35..0]
DW1*
DW2
DW3*
DW4
DW5
t15 t16
TRANSMITTER
t17
19
t
t18
t18
t20
t20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com