Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ING-RRC Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # ING-RRC
Description  1.32 Gbit/s Serial Link Transmitter and Receiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ING-RRC Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button ING-RRC Datasheet HTML 13Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 14Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 15Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 16Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 17Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 18Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 19Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 20Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
INGT165B / INGR165B
10/2003 - rev. 2.0
17 of 21
INGR165B RECEIVER PIN DEFINITION
Pin Name
Pin #
Direction
Active
Description
PDATA[0]
A5
OUTCMOS High
Parallel data output, Bit 0
PDATA[1]
B5
OUTCMOS High
Parallel data output, Bit 1
PDATA[2]
A4
OUTCMOS High
Parallel data output, Bit 2
PDATA[3]
B4
OUTCMOS High
Parallel data output, Bit 3
PDATA[4]
A3
OUTCMOS High
Parallel data output, Bit 4
PDATA[5]
B3
OUTCMOS High
Parallel data output, Bit 5
PDATA[6]
A2
OUTCMOS High
Parallel data output, Bit 6
PDATA[7]
B2
OUTCMOS High
Parallel data output, Bit 7
PDATA[8]
B1
OUTCMOS High
Parallel data output, Bit 8
PDATA[9]
C1
OUTCMOS High
Parallel data output, Bit 9
PDATA[10]
D2
OUTCMOS High
Parallel data output, Bit 10
PDATA[11]
E3
OUTCMOS High
Parallel data output, Bit 11
PDATA[12]
D1
OUTCMOS High
Parallel data output, Bit 12
PDATA[13]
E2
OUTCMOS High
Parallel data output, Bit 13
PDATA[14]
E1
OUTCMOS High
Parallel data output, Bit 14
PDATA[15]
F2
OUTCMOS High
Parallel data output, Bit 15
PDATA[16]
G3
OUTCMOS High
Parallel data output, Bit 16
PDATA[17]
G1
OUTCMOS High
Parallel data output, Bit 17
PDATA[18]
H3
OUTCMOS High
Parallel data output, Bit 18
PDATA[19]
H2
OUTCMOS High
Parallel data output, Bit 19
PDATA[20]
J1
OUTCMOS High
Parallel data output, Bit 20
PDATA[21]
J2
OUTCMOS High
Parallel data output, Bit 21
PDATA[22]
L1
OUTCMOS High
Parallel data output, Bit 22
PDATA[23]
K3
OUTCMOS High
Parallel data output, Bit 23
PDATA[24]
K2
OUTCMOS High
Parallel data output, Bit 24
PDATA[25]
M1
OUTCMOS High
Parallel data output, Bit 25
PDATA[26]
L3
OUTCMOS High
Parallel data output, Bit 26
PDATA[27]
M2
OUTCMOS High
Parallel data output, Bit 27
PDATA[28]
N2
OUTCMOS High
Parallel data output, Bit 28
PDATA[29]
P2
OUTCMOS High
Parallel data output, Bit 29
PDATA[30]
N3
OUTCMOS High
Parallel data output, Bit 30
PDATA[31]
P3
OUTCMOS High
Parallel data output, Bit 31
PDATA[32]
N4
OUTCMOS High
Parallel data output, Bit 32
PDATA[33]
P4
OUTCMOS High
Parallel data output, Bit 33
PDATA[34]
N5
OUTCMOS High
Parallel data output, Bit 34
PDATA[35]
P5
OUTCMOS High
Parallel data output, Bit 35
PARITY
C6
OUTCMOS High
Parity output
WRCLK
B6
OUTCMOS High
Write clock
LSYNC#
N6
OUTCMOS Low
Receiver is synchronous, link is established
RESET#
A6
INCMOS
Low
Asynchronous reset signal
FLAGO
M6
OUTCMOS High
FLAG output
PERR#
P6
OUTCMOS Low
Parity error
EQLSEL
C10
INCMOS
High
Equalizer select
LOCK
C7
OUTCMOS High
PLL lock indication
OSC
A10
INCMOS
High
Reference clock input, 66MHz
SDATA
E12
INCML
Differential serial high-speed CML input
SDATA#
E14
INCML
Differential serial high-speed CML input
EXTRC1
H13
External loop filter pin1
EXTRC2
H12
External loop filter pin2
GND--D
C2, C5, F3, G2, J3, L2, M5
GND
Digital chip (CMOS) power supply GND
GND--ID
A7, P7
GND
Chip interface digital chip power supply GND
GND--IA
G6, G7, G8, G9, J6, J7, J8, J9,
K7, K8
GND
Chip interface analog chip power supply GND
GND--A0
C9, C11, D10, D14, K14, L10
GND
Analog chip (Bipolar) power supply GND
GND--A1
G12, G13
GND
Analog chip (Bipolar) PLL circuit power supply ground
VCC--D
C4, D3, F1, H1, K1, M4, N1
VCC
Digital chip (CMOS) power supply VCC
VCC--ID
B7, N7
VCC
Chip interface digital chip power supply VCC
VCC--IA
E7, E8, E9, E10, F6, F7, F8,
F9, F10,F11, H6, H7, H8, H9
VCC
Chip interface analog chip power supply VCC
VCC--A0
A11, D9, L9, L11, M9
VCC
Analog chip (Bipolar) power supply VCC
VCC--A1
H14, J11
VCC
Analog chip (Bipolar) PLL circuit power supply VCC
Table 16: GigaSTaR® INGR165B Pin Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com