Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ING-RRC Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # ING-RRC
Description  1.32 Gbit/s Serial Link Transmitter and Receiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ING-RRC Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button ING-RRC Datasheet HTML 13Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 14Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 15Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 16Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 17Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 18Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 19Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 20Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
INGT165B / INGR165B
10/2003 - rev. 2.0
20 of 21
4.5 PACKAGE HANDLING PRECAUTIONS
BGA packages are moisture-sensitive and are delivered in sealed dry packs.
The devices presented in this datasheet meet JEDEC standard 22A113B, Level 3.
Handling precautions are:
1. Shelf life in sealed dry pack : 12 months at < 40° C and < 90% RH
2. After the dry pack is opened, devices that will undergo infrared reflow, vapor-phase reflow, or
equivalent processing (peak package body temperature 220° C, maximum peak temperature package
exposure time 10 sec) must be:
a) mounted within 168 hrs at factory conditions of <=30° C / 60% RH, or
b) stored at <= 20% RH or
c) be baked less than 168 hrs before undergoing infrared reflow, vapor-phase reflow, or equivalent
processing (peak package body temperature 220° C)
3. If baking is required, devices may be baked for :
a) 192 hours at 40° C + 5° C / -0° C and < 5% RH
b) 24 hours at 125° C + 5° C / -5° C (for baking above 130° C, high-temperature trays are required)
4. Precautions have to be taken against exposure of the device terminals to electrostatic discharge stress
5. The maximum ratings may not be exceeded at any time
6. At power-up and power-down sequences, all supply voltage nodes have to be ramped up and down
with identical voltage ramping, otherwise the maximum rating of ID (I/O Current DC or transient per pin)
can be exceeded and damage to the device may occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com