Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ING-RRC Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ING-RRC
Description  1.32 Gbit/s Serial Link Transmitter and Receiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ING-RRC Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ING-RRC Datasheet HTML 2Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 3Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 4Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 5Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 6Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 7Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 8Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 9Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
INGT165B / INGR165B
10/2003 - rev. 2.0
6 of 21
2.2.4 Single Word Transfers
Single Word Transfers are used to support lower data rates than the maximum parallel data rate of
148.5 MByte/s. VALID has to be de-asserted after the parallel read cycle signaled by one RDCLK pulse.
Only one data word is transmitted.
In the timing diagram PARGEN is de-asserted and the application delivers the PARITY bit synchronously
to the data word.
Figure 5: INGT165B Single Word Transfer Timing Diagram
Parameter
Description
Min.
Typ.
Max.
Unit
t6
Setup time PDATA and PARITY to RDCLK rising edge
9
6
ns
t7
VALID active to rising RDCLK edge
9
12
14
ns
t7-1
VALID high state
5
4
ns
t7-2
LOCK# / RESET# high state before TX operational *
50
µs
t8
PDATA and PARITY hold time
9
6
ns
t9
RDCLK high state (without assertion of FLAGI)
14
15
16
ns
t10
Rising RDCLK edge to sampling window for VALID state
(VALID=0: continue single word mode,
VALID=1: enter BURST mode)
18
20
22
ns
Note : For timings with assertion of FLAGI, please see section 3.2.5
* A dislock pulse generates an internal transmitter reset. Therefore both signals have to be at least
50us at high state before transmitter is operational.
Table 2: INGT165B Single Word Transfer Timing Parameters (Under recommended operating conditions)
VALID
RDCLK
PDATA [0..35]
PARITY
DW1
t7
t8
t9
t10
t7-1
LOCK#
PARITY1
t6
t7-2
RESET#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com