Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ING-RRC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ING-RRC
Description  1.32 Gbit/s Serial Link Transmitter and Receiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ING-RRC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ING-RRC Datasheet HTML 1Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 2Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 3Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 4Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 5Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 6Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 7Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 8Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
PRODUCT DATASHEET
Order this document with ING165B_DS
10/2003 - rev. 2.0
1 of 21
1.32 Gbit/s Serial Link
Transmitter and Receiver
The GigaSTaR® (
Gigabit/s Serial Transmitter and Receiver)
is a universal high-speed point-to-point communication link.
It consists of two devices, the Transmitter INGT165B and the
Receiver INGR165B.
The INGT165B Transmitter converts parallel data up to 36-bit to
a serial bit-stream. The differential CML (Current Mode Logic)
outputs can directly drive Shielded-Twisted-Pair (STP) cables
for distances up to 50 meters and can directly interface to inputs
of fiber optic modules to span longer distances.
The INGR165B Receiver converts the serial bit-stream to the
original parallel data format, fully transparent and without
protocol overhead.
Link-synchronization, bit-stream coding/decoding, clock-/frame-
recovery and parity-check are managed by internal high-speed
resources.
GigaSTaR® links can be operated in parallel, scaling the
bandwidth in multiples of 1.188 Gbit/s (payload data rate).
FEATURES
36-bit 33 MHz parallel data interface (3.3V CMOS)
Variable payload data transfer rate up to 1.188 Gbit/s
Internal RF clock-generation and clock-recovery (PLL)
Integrated DC-balanced coding for AC coupling
Integrated cable equalizer (INGR165B)
Built in parity check
Low latency of 40 ns per device (type)
Differential, low-swing CML-signals for the serial link
High signal robustness, EMI and noise immunity
Direct interfacing to 50/100 Ohm cables
and fiber optic modules
Single +3.3V DC supply
Low power dissipation of 1 W per device (type)
Ambient operating temperature – 40°C to +85° C
Figure 1: GigaSTaR® Link
INGT165B
INGR165B
12x12 mm, 196 PBGA packages
APPLICATIONS
High-speed scanning / printing
(photo, exposure- and security
systems)
Mass storage connections
High-speed and multi-channel
imaging
Telecommunication switches
High-speed sensors / actuators
Industrial Control
High-resolution panel links
Data broadcast (Video Server)
GigaST#R
Transmitter
INGT165B
GigaST#R
Receiver
INGR165B
PDATA[35..0]
PDATA[35..0]
RDCLK
WRCLK
INGT165B
123456789ABCDEFG
INGR165B
123456789ABCDEFG


Similar Part No. - ING-RRC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ING80386SX-25 AMD-ING80386SX-25 Datasheet
557Kb / 30P
High-Performance, Low-Power, Embedded Microprocessors
INGAM386SX-25 AMD-INGAM386SX-25 Datasheet
582Kb / 30P
High-Performance, Low-Power, Embedded Microprocessors
INGAM386SX-33 AMD-INGAM386SX-33 Datasheet
582Kb / 30P
High-Performance, Low-Power, Embedded Microprocessors
INGAM386SX-40 AMD-INGAM386SX-40 Datasheet
582Kb / 30P
High-Performance, Low-Power, Embedded Microprocessors
INGAM386SXL-25 AMD-INGAM386SXL-25 Datasheet
582Kb / 30P
High-Performance, Low-Power, Embedded Microprocessors
More results

Similar Description - ING-RRC

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282 Datasheet
448Kb / 14P
ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
logo
fujitsu semiconductor
MB89251A FUJITSU-MB89251A Datasheet
106Kb / 1P
SERIAL DATA TRANSMITTER / RECEIVER
logo
Holt Integrated Circuit...
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282_06 Datasheet
187Kb / 13P
ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_06 Datasheet
214Kb / 14P
ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_13 Datasheet
122Kb / 14P
ARINC 429 Serial Transmitter and Dual Receiver
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584_13 Datasheet
232Kb / 15P
Enhanced ARINC 429 Serial Transmitter and Dual Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com