Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ING-RRC Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # ING-RRC
Description  1.32 Gbit/s Serial Link Transmitter and Receiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ING-RRC Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button ING-RRC Datasheet HTML 8Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 9Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 10Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 11Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 12Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 13Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 14Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 15Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
INGT165B / INGR165B
10/2003 - rev. 2.0
12 of 21
4. DEVICE SPECIFICATION
4.1 ABSOLUTE MAXIMUM RATINGS
The absolute maximum ratings define values beyond which damage to the device may occur.
Inova Semiconductors may not be held liable for any product degradation or damage caused by a violation
of the absolute maximum ratings. Exposure to absolute maximum rating conditions for extended periods
may affect device reliability. Functional operation of the device at these or any other conditions above
those indicated in the recommended operating conditions is not guaranteed.
Parameter
Symbol
Min.
Max.
Units
Note
DC Supply Voltage
VCC
-0.5
+4.2
V
See handling
precautions (6)
Input Voltage
VIN
-0.5
VCC+0.5
V
I/O Current (DC or transient any pin)
ID
-20
+20
mA
See handling
precautions (6)
Junction Temperature (under bias)
Tj
-45
+140
° C
Storage Temperature
Tstg
-55
+150
° C
Soldering Temp./Time
TSLD / tSLD
220 / 10
° C / sec
Static Discharge Voltage (CMOS dig. I/O
versus respective GND & Supply rails)
VSDCMOS
± 2000
V
Human Body Model
Static Discharge Voltage (all other pin
combinations including CML I/O pins )
VSDCML
± 800
V
Human Body Model
Table 8: Absolute Maximum Ratings
4.2 RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min.
Max.
Units
Note
DC Supply Voltage
VCC
+3.15
+3.45
V
Input Voltage
VIN
0
Vcc
V
VCC =3.3V
± 0.15V
CML Output Current
IOUTCML
-10
+10
mA
CMOS Output Current
IOUTCMOS
-10
+10
mA
Junction Temperature (under bias)
Tj
-40
+125
° C
Ambient Temperature
Ta
-40
+85
° C
Table 9: Recommended Operating Conditions
4.3 ELECTRICAL SPECIFICATION
4.3.1
AC – Characteristics
(under recommended operating conditions, Reference Clock Frequency = 66 MHz)
Parameter
Min.
Typ.
Max.
Units
Input capacitance, any pin (@ 66 MHz)
1.5
3
pF
Serial Transmission Data Rate
1.32
Gbit/s
Serial Payload Data Rate
1.188
Gbit/s
Parallel Interface Data Rate
148.5
MByte/s
Serial Bit Width
757.6
ps
CMOS Output Rise / Fall Time (CL = 10 pF)
5
10
ns
Table 10: AC – Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com