Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ING-RRC Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ING-RRC
Description  1.32 Gbit/s Serial Link Transmitter and Receiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ING-RRC Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ING-RRC Datasheet HTML 1Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 2Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 3Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 4Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 5Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 6Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 7Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 8Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
INGT165B / INGR165B
10/2003 - rev. 2.0
5 of 21
2.2.3 Data Burst Transfers
The data burst timing provides the full data rate of 148.5 MByte/s. VALID is asserted when the first data is
valid at PDATA[35.0]. With every rising edge of RDCLK the PDATA inputs are registered, serialized and
transmitted. VALID can remain asserted as long as new data are available.
In the timing diagram PARGEN is de-asserted and the application delivers the PARITY bit synchronously
to the data word.
Figure 4: INGT165B Data Burst Timing Diagram
Parameter
Description
Min.
Typ.
Max.
Unit
t1
Setup time PDATA and PARITY to RDCLK rising edge
9
6
ns
t2
VALID active to first rising RDCLK edge
9
12
14
ns
t2-1
VALID high state
5
4
ns
t2-2
LOCK# / RESET# high state before Tx operational *
50
µs
t3
PDATA and PARITY hold time
9
6
ns
t4
RDCLK cycle time (without assertion of FLAGI)
30.3
ns
t5
Rising RDCLK edge to sampling window for VALID state
(VALID=0: exit BURST mode,
VALID=1: continue BURST mode)
18
20
22
ns
Note : For timings with assertion of FLAGI, please see section 3.2.5
*A dislock pulse generates an internal transmitter reset. Therefore both signals have to be at least
50us at high state before transmitter is operational.
Table 1: INGT165B Data Burst Timing Parameters (under recommended operating conditions)
VALID
RDCLK
PDATA [35..0]
PARITY
DW1
t1
t2
t3
DW2
DW3
t4
PARITY1
PARITY2
PARITY3
t2-1
t5
t5
RESET#
t2-2
LOCK#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com