Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ING-RRC Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ING-RRC
Description  1.32 Gbit/s Serial Link Transmitter and Receiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ING-RRC Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ING-RRC Datasheet HTML 5Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 6Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 7Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 8Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 9Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 10Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 11Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 12Page - List of Unclassifed Manufacturers ING-RRC Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
INGT165B / INGR165B
10/2003 - rev. 2.0
9 of 21
3.2.3 Data Burst Transfers
The data burst timing is used to support the full data rate of 148.5 MByte/s.
PDATA[35..0] and PARITY are updated with each rising edge of WRCLK.
Figure 8: INGR165B Data Burst Timing Diagram
Parameter
Description
Min.
Typ.
Max.
Unit
t11
Rising edge WRCLK to PDATA and PARITY bit valid
1
4
ns
t12
WRCLK cycle time (without assertion of FLAGI)
30.3
ns
Note: For timings with assertion of FLAGI, please see section 3.2.5
Table 3: INGR165B Data Burst Timing Parameters (Under recommended operating conditions)
3.2.4 Single Word Transfers
Single Word Transfers are used to support lower data rates. Every time a new data word is received
the WRCLK signal generates one clock pulse.
Figure 9: INGR165B Single Word Transfer Timing Diagram
Parameter
Description
Min.
Typ.
Max.
Unit
t13
Rising edge WRCLK to PDATA and PARITY valid
1
4
ns
t14
WRCLK high state
14
15
16
ns
Table 4: INGR165B Single Word Transfer Timing Parameters (under recommended operating conditions)
W RC LK
PD ATA[3 5..0]
PE RR #
t13
D W 1
PA RITY
PA RITY 1
t14
R ESE T #
LO CK
LSY N C#
RESET#
WRCLK
PDATA[35..0]
PERR#
DW1
11
DW2
DW3
PARITY
PARITY1
PARITY2
PARITY3
t12
LOCK
LSYNC#
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com