Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2777 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM2777
Description  How to use the STEVAL-STWINKT1B SensorTile Wireless Industrial Node for condition monitoring and predictive maintenance applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2777 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM2777 Datasheet HTML 9Page - STMicroelectronics UM2777 Datasheet HTML 10Page - STMicroelectronics UM2777 Datasheet HTML 11Page - STMicroelectronics UM2777 Datasheet HTML 12Page - STMicroelectronics UM2777 Datasheet HTML 13Page - STMicroelectronics UM2777 Datasheet HTML 14Page - STMicroelectronics UM2777 Datasheet HTML 15Page - STMicroelectronics UM2777 Datasheet HTML 16Page - STMicroelectronics UM2777 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
2.3.1
Battery connectors
The battery supply voltage (VBAT) may be provided by connecting the 480 mA LiPo battery included in the
STWIN kit to the dedicated battery connector, or by supplying an external voltage through the J4 connector.
Figure 14. Battery and J4 connectors for VBAT supply
3 2 1
2
1 VBAT
GND
2.3.2
Power supply
The STWIN core system board can receive power from different sources:
•
V_USB: through micro USB connector [5 V]
•
Vin: through J5 connector [4.8-5.5 V]. The current on this port needs to be limited to 2 A
•
VBAT: lithium ion polymer battery (3.7 V, 480 mAh), STBC02 battery charger integrated in the board
The battery is always optional. The STBC02 battery charger automatically checks the available power inputs and
selects one to power the system. When the battery is connected as well as one of the other sources, the STBC02
automatically charges the battery.
When battery-powered, the equipment is intended to work properly with an operating temperature of 35°C.
Without the battery, the equipment is intended to work properly with an operating temperature of 45°C.
Figure 15. Power circuits
STWIN core system board
USB
3V3 DCDC
U14
CN3 (Wi-Fi)
STSAFE
5V
SYS (5V or VBAT)
CN2
(AMicArray)
CN2
CN1
VBAT
J5
STBC02
Battery
Charger
Analog Mic
OpAmp
U10
2.7 LDO
DCDC_1
DCDC_2
3V3_Ext
U16
3V3 DCDC
VEXT
J3
µSDCard
RS485
SYS
V_USB
5V
STM32L4+
Sensors
Bluetooth
low energy
UM2777
Power management
UM2777 - Rev 4
page 13/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com