Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2777 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM2777
Description  How to use the STEVAL-STWINKT1B SensorTile Wireless Industrial Node for condition monitoring and predictive maintenance applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2777 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM2777 Datasheet HTML 28Page - STMicroelectronics UM2777 Datasheet HTML 29Page - STMicroelectronics UM2777 Datasheet HTML 30Page - STMicroelectronics UM2777 Datasheet HTML 31Page - STMicroelectronics UM2777 Datasheet HTML 32Page - STMicroelectronics UM2777 Datasheet HTML 33Page - STMicroelectronics UM2777 Datasheet HTML 34Page - STMicroelectronics UM2777 Datasheet HTML 35Page - STMicroelectronics UM2777 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
Figure 37. STEVAL-STWINKT1B schematic (5 of 7)
AudioCoupon Connector
HP Filter --> fc = 15.9 Hz
LP Filter --> fc = 99.4 KHz
DAC for mic bias
DFSDM_D2
DFSDM_D5
DCDC_1
3V3_Sensors
2V7A
2V7A
2V7A
SYS
DFSDM1_DATIN5
DFSDM1_CKOUT
DFSDM1_CKOUT
DFSDM1_D7
SAI1_FS_A/DFSDM_D3
SAI1_MCLK_A
SAI1_SD_A
SAI1_SCK_A
I2C2_SDA
I2C2_SCL
SAI1_SD_B
DAC1_OUT1
ADC1_IN2
ADC1_IN1
PE12
R74.7k
C2
100nF
C51
100nF
R8
1M
CN4
M55-6001242R
a1
b1
a2
b2
a3
b3
a4
b4
a5
b5
a6
b6
C9
10nF
U8
TS922EIJT
Vcc-
C2
+IN2
C3
OUT2
A3
Vcc+
A2
OUT1
A1
+IN1
C1
C54
10nF
C55
1uF
R28
10k
M1
DOUT
1
VDD
5
SB110R
C10
100nF
C52
1uF
M2
DOUT
4
VDD
1
CLK
3
R6100k
R9
1M
SB10NC
R29160
C30
1uF
MREF
M1
M1P_FILT
M1P_FILT
MREF
M1P
MREF_DIV
MREF
RE
CLK_Ex
2
10A
SDMMC_D2
USART2_RTS
SB25 0R
11
U1 EMIF06-MSD02N16
RDAT3_GND
DETGNDA
SDMMC_CMD
10
C29
10nF
7
DAT0_Ex
SD
Micro-SD
CLK_In
3V3_SD_485
SDMMC_D0
9A
SDMMC_D1
15
VCC
SDMMC_D3
VCC
1
10
C3
100nF
USART2_TX
14
DAT2_Ex
1
6
DAT2_In
3
GND
SD Card
RS485
SB24 NC
Card Removed --> CLOSE
Card Inserted --> OPEN
DETGNDB
9B
3
DE
B
J1
NC
5
CMD_In
DAT1_Ex
6
3V3_SD_485
SD_DETECT
C28
100nF
SD_DETECT
9
4
DAT3_In
8
R24 62
DETCA
2
C4
10uF
5
DETCB
13
12
4
DAT1_In
VL
RDATA_VCC
CMD_Ex
16
R
U19 STR485LV
R25 62
SLR
10B
3
D
USART2_RX
DAT0_In
DAT3_Ex
1
9
WP/CD
8
A
7
SDMMC_CK
2
3V3_SD_485
3V3_SD_485
IMP34DT05
MP23ABS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com