Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2777 Datasheet(PDF) 35 Page - STMicroelectronics

Part # UM2777
Description  How to use the STEVAL-STWINKT1B SensorTile Wireless Industrial Node for condition monitoring and predictive maintenance applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2777 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button UM2777 Datasheet HTML 31Page - STMicroelectronics UM2777 Datasheet HTML 32Page - STMicroelectronics UM2777 Datasheet HTML 33Page - STMicroelectronics UM2777 Datasheet HTML 34Page - STMicroelectronics UM2777 Datasheet HTML 35Page - STMicroelectronics UM2777 Datasheet HTML 36Page - STMicroelectronics UM2777 Datasheet HTML 37Page - STMicroelectronics UM2777 Datasheet HTML 38Page - STMicroelectronics UM2777 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
7
Bill of materials
Table 5. Bill of materials
Item
Q.ty
Ref.
Part / Value
Description
Manufacturer
Order code
1
1
BATT
Battery Connector
Amass
Molex
78171-0003
2
1
CN1
Hirose
FH34SRJ-40S-0.5SH(99)
3
1
CN2
HEADER 10
Samtec
SQT-110-01-F-D-RA
4
1
CN3
M55 series 12 pin
connector, 1.27pitch
Harwin
M55-7001242R
5
1
CN4
M55 series 12 pin
connector - Female,
1.27pitch
Harwin
M55-6001242R
6
30
C1, C2, C3, C8,
C10, C13, C14,
C16, C17, C27,
C28, C31, C32,
C33, C34, C35,
C38, C39, C40,
C42, C44, C45,
C47, C50, C51,
C53, C56, C57,
C59, C60
100nF, 16V, ±10%
CAP CER X7R 0402,
0402 (1005 Metric)
Murata
Electronics North
America
GRM155R71C104KA88J
7
7
C4, C11, C21,
C23, C24, C25,
C58
10µF, 10V, ±20%
CAP CER X5R 0402,
0402 (1005 Metric)
Samsung Electro-
Mechanics
America, Inc.
CL05A106MP8NUB8
8
2
C5, C6
5.6pF, 10V, ±1%
CAP CER C0G/NP0
0402, 0402 (1005
Metric)
Yageo
CC0402BRNPO9BN5R6
9
1
C7
2.2µF, 10V, ±20%
CAP CER X5R 0402,
0402 (1005 Metric)
Wurth Electronics
Inc.
Wurth-885012105013
10
4
C9, C29, C46, C54 10nF, 25V, ±10%
CAP CER X7R 0402,
0402 (1005 Metric)
AVX Corporation
04023C103KAT2A
11
8
C12, C15, C20,
C30, C36, C48,
C52, C55
1µF, 10V, ±10%
CAP CER X5R 0402,
0402 (1005 Metric)
Taiyo Yuden
JMK105BJ105KV-F
12
2
C18, C22
22µF, 10V, ±20%
CAP CER X5R 0603,
0603 (1608 Metric)
Taiyo Yuden
LMK107BBJ226MA-T
13
1
C19
0.22µF, 16V, ±10%
CAP CER X7R 0402,
0402 (1005 Metric)
Murata
Electronics North
America
GRM155R71C224KA12D
14
3
C26, C37, C41
4.7µF, 10V, ±20%
CAP CER X5R 0402,
0402 (1005 Metric)
Murata
Electronics North
America
GRM155R61A475MEAAD
15
2
C43, C49
6.8pF, 10V, ±5%
CAP CER C0G/NP0
0402, 0402 (1005
Metric)
Murata
Electronics North
America
GRM0225C1E6R8CA03L
16
3
D1, D2, D3
Single-line low
capacitance Transil™
for ESD protection,
ST0201
ST
ESDALC6V1-1U2
17
1
D4
1A
Power Schottky
rectifier, STmite
ST
STPS120M
18
1
J1
N.M.
Stripline for RS485 (not
mounted)
-
-
UM2777
Bill of materials
UM2777 - Rev 4
page 35/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com