Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2777 Datasheet(PDF) 2 Page - STMicroelectronics

Part # UM2777
Description  How to use the STEVAL-STWINKT1B SensorTile Wireless Industrial Node for condition monitoring and predictive maintenance applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2777 Datasheet(HTML) 2 Page - STMicroelectronics

  UM2777 Datasheet HTML 1Page - STMicroelectronics UM2777 Datasheet HTML 2Page - STMicroelectronics UM2777 Datasheet HTML 3Page - STMicroelectronics UM2777 Datasheet HTML 4Page - STMicroelectronics UM2777 Datasheet HTML 5Page - STMicroelectronics UM2777 Datasheet HTML 6Page - STMicroelectronics UM2777 Datasheet HTML 7Page - STMicroelectronics UM2777 Datasheet HTML 8Page - STMicroelectronics UM2777 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
1
STWIN kit components
The SensorTile Wireless Industrial Node (STWIN) is packaged with the components shown below.
Figure 2. STWIN Core System board top and bottom
Figure 3. Protective plastic case
Figure 4. 480mAh 3.7V Li-Po Battery
UM2777
STWIN kit components
UM2777 - Rev 4
page 2/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com