Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2777 Datasheet(PDF) 36 Page - STMicroelectronics

Part # UM2777
Description  How to use the STEVAL-STWINKT1B SensorTile Wireless Industrial Node for condition monitoring and predictive maintenance applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2777 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button UM2777 Datasheet HTML 32Page - STMicroelectronics UM2777 Datasheet HTML 33Page - STMicroelectronics UM2777 Datasheet HTML 34Page - STMicroelectronics UM2777 Datasheet HTML 35Page - STMicroelectronics UM2777 Datasheet HTML 36Page - STMicroelectronics UM2777 Datasheet HTML 37Page - STMicroelectronics UM2777 Datasheet HTML 38Page - STMicroelectronics UM2777 Datasheet HTML 39Page - STMicroelectronics UM2777 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
Item
Q.ty
Ref.
Part / Value
Description
Manufacturer
Order code
19
1
J2
STDC14
STDC14 - ARM MIPI10
compatible
Samtec
FTSH-107-01-L-DV-K
20
1
J3
CON5_1
V_EXT selector
-
-
21
1
J4
STRIP254P-M-2
-
-
22
1
J5
CON2
Morsettiera a 2 vie,
passo 2.54mm
-
-
23
1
J6
0 OHM 1206 or
2.54 Jumper
Sensors and digital
mic current monitoring:
RES SMD
Yageo
AF1206JR-070RL
24
1
J7
0 OHM 1206 or
2.54 Jumper
STM32 Current
monitoring: RES SMD
Yageo
AF1206JR-070RL
25
1
J8
N.M.
STRIP254P-M-5-90-
SMD (not mounted)
-
-
26
1
J9
0 OHM 1206 or
2.54 Jumper
Bluetooth® low energy
current monitoring:
RES SMD
Yageo
AF1206JR-070RL
27
1
J10
0 OHM 1206 or
2.54 Jumper
Wi-Fi Current
monitoring: RES SMD
Yageo
AF1206JR-070RL
28
1
LED_C
Red
LED, LED_0402
Vishay
Semiconductor
Opto Division
VLMS1500-GS08
29
1
LED1
Green
LED, LED_0402
Panasonic
Electronic
Components
LNJ347W83RA
30
1
LED2
Orange
LED, LED_0402
Panasonic
Electronic
Components
LNJ847W86RA
31
2
L1, L2
2.2uH, ±20%
Inductor, 2520
Wurth
Wurth-74438323022
32
1
M1
1.3A
MEMS audio sensor
ST
IMP23ABSU
33
1
M2
MEMS audio sensor
ST
IMP34DT05
34
2
USR, PWR
4.2x3.2x2.5mm,
white
SW PUSHBUTTON-
SPST-2
ALPS
SKRPABE010
35
1
RESET
4.2x3.2x2.5mm,
black
SW PUSHBUTTON-
SPST-2
ALPS
SKRPADE010
36
1
R1
10k, 100ppm/C,
1/16W, ±1%
RES SMD 0402, 0402
(1005 Metric)
Yageo
RC0402FR-0710KL
37
8
R2, R3, R7, R26,
R30, R31, R32,
R33
4.7k, 100ppm/C,
1/16W, ±1%
RES SMD 0402, 0402
(1005 Metric)
TE Connectivity
Passive Product
CRG0402F4K7
38
2
R4, R5
7.5k, 100ppm/C,
1/16W, ±5%
RES SMD 0402, 0402
(1005 Metric)
Yageo
RC0402JR-077K5L
39
4
R6, R12, R14, R20
100k, 100ppm/C,
1/16W, ±1%
RES SMD 0402, 0402
(1005 Metric)
TE Connectivity
Passive Product
CRG0402F100K
40
3
R8, R9, R15
1M, 100ppm/C,
±1%
RES SMD 0402, 0402
(1005 Metric)
TE
CONNECTIVITY
CRG0402F1M0
41
1
R10
47.5K, 100ppm/C,
1/16W, ±1%
RES SMD 0402, 0402
(1005 Metric)
Yageo
RC0402FR-0747K5L
42
2
R11, R16
20K, 100ppm/C,
1/16W, ±1%
RES SMD 0402, 0402
(1005 Metric)
Yageo
RC0402FR-0720KL
43
1
R13
10k N.M., ±1%
RES, SMD, 0402 (not
mounted), 0402 (1005
Metric)
TE
CONNECTIVITY
CRG0402F10K
UM2777
Bill of materials
UM2777 - Rev 4
page 36/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com