Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2777 Datasheet(PDF) 33 Page - STMicroelectronics

Part # UM2777
Description  How to use the STEVAL-STWINKT1B SensorTile Wireless Industrial Node for condition monitoring and predictive maintenance applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2777 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UM2777 Datasheet HTML 29Page - STMicroelectronics UM2777 Datasheet HTML 30Page - STMicroelectronics UM2777 Datasheet HTML 31Page - STMicroelectronics UM2777 Datasheet HTML 32Page - STMicroelectronics UM2777 Datasheet HTML 33Page - STMicroelectronics UM2777 Datasheet HTML 34Page - STMicroelectronics UM2777 Datasheet HTML 35Page - STMicroelectronics UM2777 Datasheet HTML 36Page - STMicroelectronics UM2777 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
Figure 38. STEVAL-STWINKT1B schematic (6 of 7)
A
8
DAT0_In
14
7
SLR
DETGNDB
10B
SB25
12
CMD_Ex
13
6
GND
STR485LV
10
B
9
NC
1
3V3_SD_485
Micro-SD
3
DAT2_Ex
VCC
15
3V3_SD_485
RE
4
10nF
U1
DAT2_In
2
100nF
WP/CD
8
3V3_SD_485
Card Removed --> CLOSE
Card Inserted --> OPEN
SDMMC_D2
SDMMC_CK
DAT3_Ex
7
C28
USART2_TX
C29
6
SD_DETECT
C3
SD Card
RS485
DE
3
CMD_In
4
R
2
0R
SDMMC_D1
DETGNDA
DETCA
9A
100nF
R24
62
DAT1_In
9
U19
11
CLK_Ex
D
5
VCC
9B
10uF
3V3_SD_485
62
2
SDMMC_D0
SDMMC_D3
SDMMC_CMD
VL
1
RDAT3_GND
1
DAT0_Ex
CLK_In
EMIF06-MSD02N16
5
C4
J1
DETCB
10A
16
RDATA_VCC
DAT1_Ex
10
R25
USART2_RTS
SD_DETECT
USART2_RX
NC
SB24
DAT3_In
3
SD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com