Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2777 Datasheet(PDF) 38 Page - STMicroelectronics

Part # UM2777
Description  How to use the STEVAL-STWINKT1B SensorTile Wireless Industrial Node for condition monitoring and predictive maintenance applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2777 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button UM2777 Datasheet HTML 34Page - STMicroelectronics UM2777 Datasheet HTML 35Page - STMicroelectronics UM2777 Datasheet HTML 36Page - STMicroelectronics UM2777 Datasheet HTML 37Page - STMicroelectronics UM2777 Datasheet HTML 38Page - STMicroelectronics UM2777 Datasheet HTML 39Page - STMicroelectronics UM2777 Datasheet HTML 40Page - STMicroelectronics UM2777 Datasheet HTML 41Page - STMicroelectronics UM2777 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
Item
Q.ty
Ref.
Part / Value
Description
Manufacturer
Order code
66
1
U5
Very low power
application processor
module for Bluetooth®
low energy v5.0
ST
BlueNRG-M2SA
67
1
U6
Digital temperature
sensor, UDFN-6L
ST
STTS751-0DP3F
68
1
U7
Secure element, SO8N ST
STSAFE-A110
69
1
U8
OpAmp - excellent
audio performance /
low distortion (0.005%)
ST
TS922EIJT
70
1
U9
3D accelerometer
and 3D gyroscope,
LGA-14L (2.5 x 3 x
0.83 mm)
ST
ISM330DHCX
71
1
U10
300 mAvery low noise
LDO, DFN6
ST
LDK130PU-R
72
1
U11
Accelerometor Ultra
Wide Bandwidth,
LGA-14L (2.5 x 3 x
0.83 mm)
ST
IIS3DWB
73
1
U12
Accelerometor Ultra-
low-power, LGA-12
(2.0x2.0x1 mm)
ST
IIS2DHTR
74
1
U13
MEMS Magnetometer,
(2.0x2.0x0.7)
ST
IIS2MDCTR
75
2
U14, U16
400mA step-down
switching regulator,
Flip-chip
ST
ST1PS01EJR
76
1
U15
Li-Ion Linear Battery
Charger with LDO
3.3V, Flip Chip30
(2.59x2.25 mm)
ST
STBC02AJR
77
1
U17
Low voltage high
bandwidth quad SPDT
switch
ST
STG3692
78
1
U18
USB Protection
ST
USBLC6-2P6
79
1
U19
Low power transceiver
for RS-485, DFN10
ST
STR485LV
80
1
X1
16MHz
16.00MHz Crystal 8pF
NDK
NX3225GA-16MHZ-STD-CRG-1
81
1
X2
32.7680KHZ
CRYSTAL 32.7680KHz
6PF SMD
NDK
NX3215SA-32.768K-STD-
MUA-14
82
1
STLINK-V3MINI
ST
STLINK-V3MINI
83
1
Programming Cable
(Included in ST-LINK)
-
-
84
1
Plastic Box
-
-
85
1
480mAh
Battery LiPo
Himax
LiPo-752535
86
4
12mm M3
Pan head phillips -
steel
-
-
87
4
M3
HEX Nut - steel
-
-
UM2777
Bill of materials
UM2777 - Rev 4
page 38/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com