Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2777 Datasheet(PDF) 40 Page - STMicroelectronics

Part # UM2777
Description  How to use the STEVAL-STWINKT1B SensorTile Wireless Industrial Node for condition monitoring and predictive maintenance applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2777 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button UM2777 Datasheet HTML 36Page - STMicroelectronics UM2777 Datasheet HTML 37Page - STMicroelectronics UM2777 Datasheet HTML 38Page - STMicroelectronics UM2777 Datasheet HTML 39Page - STMicroelectronics UM2777 Datasheet HTML 40Page - STMicroelectronics UM2777 Datasheet HTML 41Page - STMicroelectronics UM2777 Datasheet HTML 42Page - STMicroelectronics UM2777 Datasheet HTML 43Page - STMicroelectronics UM2777 Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
Contents
1
STWIN kit components ............................................................2
2
Functional blocks..................................................................4
2.1
Sensing ...................................................................... 4
2.1.1
LPS22HH MEMS pressure sensor ........................................... 5
2.1.2
STTS751 digital temperature sensor.......................................... 5
2.1.3
TS922 rail-to-rail, high output current, dual operational amplifier..................... 6
2.1.4
ISM330DHCX iNEMO IMU 3D Acc + 3D Gyro .................................. 6
2.1.5
IIS3DWB ultra-wide bandwidth (up to 6 kHz), low-noise, 3-axis digital vibration sensor ... 6
2.1.6
IIS2DH ultra-low power 3-axis high-performance accelerometer..................... 6
2.1.7
IIS2MDC 3-axis magnetometer .............................................. 6
2.1.8
IMP23ABSU analog MEMS microphone with extended frequency response up to 80 kHz for
ultrasound applications .................................................... 7
2.1.9
IMP34DT05 digital MEMS microphone ........................................ 7
2.2
Processing and connectivity ..................................................... 7
2.2.1
STM32L4R9ZI Cortex-M4F 120MHz 640Kb RAM................................ 9
2.2.2
BlueNRG-M2 very low power application processor module for Bluetooth® low energy v5.0
..................................................................... 10
2.2.3
STEVAL-STWINWFV1 Wi-Fi expansion (not included in the kit) for the SensorTile wireless
industrial node (STWIN) kit ................................................ 10
2.2.4
STR485LV 3.3V RS485 up to 20Mbps ....................................... 10
2.2.5
USB connector ......................................................... 11
2.2.6
STSAFE-A110 authentication, state-of-the-art security for peripherals and IoT devices .. 11
2.2.7
microSD card socket ..................................................... 11
2.2.8
Clock sources .......................................................... 11
2.3
Power management ........................................................... 11
2.3.1
Battery connectors ...................................................... 13
2.3.2
Power supply .......................................................... 13
2.3.3
Power ON/OFF procedure ................................................ 14
2.3.4
Power consumption evaluation ............................................. 14
2.4
Buttons, LEDs and connectors .................................................. 15
2.4.1
Flex expansion connector ................................................. 15
2.4.2
STMod+ connector ...................................................... 17
2.4.3
Connectivity expansion connector........................................... 18
2.4.4
Sensor expansion connector............................................... 18
2.5
Protective plastic box .......................................................... 19
2.6
STLINK-V3MINI debugger and programmer for STM32 ............................. 19
3
How to program the board ........................................................20
UM2777
Contents
UM2777 - Rev 4
page 40/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com