Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16203/PCBZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADIS16203/PCBZ
Description  Programmable 360 Inclinometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16203/PCBZ Datasheet(HTML) 5 Page - Analog Devices

  ADIS16203/PCBZ Datasheet HTML 1Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 2Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ADIS16203
Rev. 0 | Page 5 of 28
TIMING SPECIFICATIONS
TA = +25°C, VDD = 3.3 V, tilt = 0°, unless otherwise noted.
Table 2.
Parameter
Description
Min1
Typ
Max
Unit
fSCLK
Fast mode, SMPL_TIME ≤ 0x07 (fS ≥ 1024 Hz)
0.01
2.5
MHz
Normal mode, SMPL_TIME ≥ 0x08 (fS ≤ 910 Hz)
0.01
1.0
MHz
tDATARATE
Chip select period, fast mode, SMPL_TIME ≤ 0x07 (fS ≥ 1024 Hz)
40
μs
Chip select period, normal mode, SMPL_TIME ≥ 0x08 (fS ≤ 910 Hz)
100
μs
tCS
Chip select to clock edge
48.8
ns
tDAV
Data output valid after SCLK falling edge2
100
ns
tDSU
Data input setup time before SCLK rising edge
24.4
ns
tDHD
Data input hold time after SCLK rising edge
48.8
ns
tDF
Data output fall time
5
12.5
ns
tDR
Data output rise time
5
12.5
ns
tSFS
CS high after SCLK edge3
5
ns
1 Guaranteed by design, not production tested.
2 The MSB presents an exception to this parameter. The MSB clocks out on the falling edge of CS. The rest of the DOUT bits are clocked after the falling edge of SCLK and are
governed by this specification.
3 This parameter may need to be expanded to allow for proper capture of the LSB. After CS goes high, the DOUT line goes into a high impedance state.
TIMING DIAGRAMS
CS
SCLK
tDATARATE
tSTALL = tDATARATE – 16/fSCLK
tSTALL
Figure 2. SPI Chip Select Timing
CS
SCLK
DOUT
DIN
1
2
3
4
5
6
15
16
W/R
A5
A4
A3
A2
D2
MSB
DB14
D1
LSB
DB13
DB12
DB10
DB11
DB2
LSB
DB1
tCS
tSFS
tDAV
tDHD
tDSU
Figure 3. SPI Timing, Utilizing SPI Settings Typically Identified as Phase = 1, Polarity = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com