Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16203/PCBZ Datasheet(PDF) 24 Page - Analog Devices

Part # ADIS16203/PCBZ
Description  Programmable 360 Inclinometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16203/PCBZ Datasheet(HTML) 24 Page - Analog Devices

Back Button ADIS16203/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 22Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 23Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 24Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 25Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 26Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 27Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ADIS16203
Rev. 0 | Page 24 of 28
APPLICATIONS
HARDWARE CONSIDERATIONS
The ADIS16203 can be operated from a single 3.3 V (3.0 V to 3.6 V)
power supply. The ADIS16203 integrates two decoupling capacitors
that are 1 μF and 0.1 μF in value. For the local operation of the
ADIS16203, no additional power supply decoupling capacitance is
required.
However, if the system power supply presents a substantial amount
of noise, additional filtering may be required. If additional capacitors
are required, connect the ground terminal of each capacitor directly
to the underlying ground plane. Finally, note that all analog and
digital grounds should be referenced to the same system ground
reference point.
GROUNDING AND BOARD LAYOUT
RECOMMENDATIONS
Maintaining low impedance signal return paths can be very critical
in managing system-level noise effects. For best results, use a single,
continuous ground plane that is tied to each ADIS16203 ground pin
via short trace lengths. In addition to maintaining a low impedance
ground structure, routing the SPI signals away from sensitive analog
circuits, such as the ADC and DACs (if they are in use), can help
mitigate system-level noise risks.
SELF-TEST TIPS
When using the ADIS16203’s self-test function to monitor
incline angles around 0°, using the INCL_180_OUT register is
more convenient than using the INCL_OUT register. Because
the measurements in the INCL_OUT register jump from 0 to
359.975, they may trigger false alarms. The same philosophy
can be applied to monitoring conditions around 180°. Because
the INCL_OUT provides continuous measurements through
180° and the INCL_180_OUT abruptly changes from −180° to
+180°, the INCL_OUT register is a more convenient choice.
BAND GAP REFERENCE
The ADIS16203 provides an on-chip band gap reference of
2.5 V that is utilized by the on-board ADC and DAC. This
internal reference also appears on the VREF pin. This reference
can be connected to external circuits in the system. An external
buffer would be required because of the low drive capability of
the VREF output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com