Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16203/PCBZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADIS16203/PCBZ
Description  Programmable 360 Inclinometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16203/PCBZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADIS16203/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ADIS16203
Rev. 0 | Page 13 of 28
DATA OUTPUT REGISTER ACCESS
The ADIS16203 provides access to two calibrated incline-angle
measurements (+360° and ±180° output formats), power supply
measurements, temperature measurements, and an auxiliary
12-bit ADC channel. This output data is continuously updating
internally, regardless of user read rates. The follow bit map describes
the structure of all output data registers in the ADIS16203.
MSB
LSB
ND
EA
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
The MSB holds the new data (ND) indicator. When the output
registers are updated with new data, the ND bit goes to a 1 state.
After the output data is read, it returns to a 0 state. The EA bit is
used to indicate an alarm condition, which could result from a
number of conditions, such as a power supply that is out of the
specified operating range. See the Alarms section for more details.
The output data is either 12 or 14 bits in length. For all of the 12-bit
output data, the D13 and D12 bits are assigned don’t care status.
The output data register map is located in Table 6 and provides all
of the necessary details for accessing each register’s data. Table 7
displays the output coding for the ±180° output data register,
INCL_180_OUT, and Figure 28 displays a timing diagram
example for reading this register.
Table 6. Data Output Register Information
Name
Function
Address
Resolution
(Bits)
Data
Format
Scale Factor
(per LSB)
SUPPLY_OUT
Power supply data
0x03, 0x02
12
Binary
1.22 mV
AUX_ADC
Auxiliary analog input data
0x09, 0x08
12
Binary
0.61 mV
TEMP_OUT
Sensor temperature data
0x0B, 0x0A
12
Binary
−0.47°C
INCL_OUT
Inclination data
0x0D, 0x0C
14
Binary
0.025°
INCL_180_OUT
±180° inclination data
0x0F, 0x0E
14
Twos complement
0.025°
Table 7. Output Coding Example, INCL_180_OUT1, 2
Acceleration Level
Binary Output
Hex Output
Decimal
+170.10°
01 1010 1001 0100
0x1A94
+6804
+93.05°
00 1110 1000 1010
0x0E8A
+3722
+0.625°
00 0000 0001 1001
0x0019
+25
0.00°
00 0000 0000 0000
0x0000
0
−0.625
11 1111 1110 0111
0x3FE7
−25
−93.05°
11 0001 0111 0110
0x3176
−3722
−170.10°
11 1100 0001 1000
0x256C
−6804
1 Two MSBs have been masked off and are not considered in the coding.
2 Nominal sensitivity (0.025°/LSB) and zero offset null performance are assumed.
ADDRESS = 001111
ADDRESS = 001111 OR 0x0F
DATA = 1000111010001010
NEW DATA, NO ALARM, INCL_180_OUT = +93.05°
DOUT
CS
SCLK
DIN
W/R BIT = 0
W/R BIT = 0
Figure 28. SPI Sequence Reading INCL_OUT When Incline Angle = 93.05°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com