Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16203/PCBZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADIS16203/PCBZ
Description  Programmable 360 Inclinometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16203/PCBZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADIS16203/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 22Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
ADIS16203
Rev. 0 | Page 19 of 28
20
–60
1
FREQUENCY (Hz)
10000
0
–20
–40
10
100
1000
AVG_CNT = 8
N = 256
AVG_CNT = 4
N = 16
AVG_CNT = 1
N = 2
CORE SENSOR
RESPONSE
Figure 30. INCL_OUT, INCL_180_OUT Filter Response
20
–60
1
FREQUENCY (Hz)
10000
0
–20
–40
10
100
1000
AVG_CNT = 8
N = 256
AVG_CNT = 4
N = 16
AVG_CNT = 1
N = 2
Figure 31. SUPPLY_OUT, AUX_ADC, and TEMP_OUT Filter Response,
fS = 4096 SPS
AVG_CNT Register Definition
Address
Default1
Format
Access
0x39, 0x38
0x0007
Binary
R/W
1 Default is valid only until the first register write cycle.
The AVG_CNT register contains information that represents the
number of averages to be applied to the output data. The number of
averages can be calculated by powers of 2. The number of averages
can be set to 1, 2, 4, 8, 16, 32, 64, 128, or 256.
Table 17. AVG_CNT Bit Description
Bit
Description
15:4
Not used
3:0
Data bits (maximum = 1000, or a decimal value of 8)
POWER-DOWN CONTROL
The ADIS16203 has the ability to power down for user-defined
amounts of time, using the SLP_CNT control register. The
amount of time specified by the SLP_CNT control register is
equal to the binary count of the 8-bit control word multiplied
by 0.5 sec. Therefore, the 255 codes cover an overall shutdown
period of 127.5 seconds. The SLP_CNT register is volatile and is
set to 0 upon both power-up and subsequent wake-ups from the
power-down period. By setting the SLP_CNT control register to
a nonzero state, the ADIS16203 automatically powers down
once the next sample period is completed and the data output
registers are updated.
Once the ADIS16203 is placed into power-down mode, it can
only return to normal operation by timing out, by a reset command
(using the RST hardware control line), or by cycling the power
applied to the part. Once awake, the data output registers can be
scanned to determine what the state of the output registers were
prior to powering down. Once the data is recovered, the device
can be powered down again by simply writing a nonzero value
to the SLP_CNT control register and starting the process over.
Once the power-down time is complete, the recovery time for
the ADIS16203 is approximately 2 ms. This recovery time is
implemented within the device to allow for recovery of the
ADC prior to performing the next data conversion. Note that
the ND data bit within the data output control registers is cleared
when the ADIS16203 is powered down. Likewise, the new data
hardware I/O line is placed into an inactive state prior to being
powered down. The DAC is placed into a power-down mode as
well, resulting in the DAC output dropping to 0 V during the
power-down period. All control register settings are retained
while powered down with the exception of the SLP_CNT
control register.
SLP_CNT Register Definition
Address
Default1
Format
Access
0x3B, 0x3A
0x0000
Binary
R/W
1 Default is valid only until the first register write cycle.
Table 18. SLP_CNT Bit Descriptions
Bit
Description
15:8
Not used
7:0
Data bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com