Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16203/PCBZ Datasheet(PDF) 23 Page - Analog Devices

Part # ADIS16203/PCBZ
Description  Programmable 360 Inclinometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16203/PCBZ Datasheet(HTML) 23 Page - Analog Devices

Back Button ADIS16203/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 22Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 23Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 24Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 25Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 26Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
ADIS16203
Rev. 0 | Page 23 of 28
GENERAL-PURPOSE I/O CONTROL
As previously noted, the ADIS16203 provides two general-purpose,
bidirectional I/O pins (GPIOs) that are available to the user for control
of auxiliary circuits within the target application. All I/O pins are 5 V
tolerant, meaning that the GPIOs support an input voltage of 5 V. Each
GPIO pin has an internal pull-up resistor of approximately 100 kΩ
and a drive capability of 1.6 mA. The direction, as well as the logic
level, can be controlled for these GPIO pins through the GPIO_CTRL
control register, as defined in Table 23.
These same GPIO pins are also controllable through the ALM_CTRL
and MSC_CTRL control registers. The priority for these three control
registers in controlling the two GPIO pins is MSC_CTRL has prece-
dence over ALM_CTRL, which has precedence over GPIO_CTRL.
GPIO_CTRL Register Definition
Address
Default1
Format
Access
0x33, 0x32
0x0000
N/A
R/W
1 Default is valid only until the first register write cycle.
The data within the general-purpose digital I/O control register is
volatile and is set to 0s upon reset.
Table 23. GPIO_CTRL Bit Descriptions
Bit
Description
15:10
Not used
9
General-Purpose I/O Line 0, Data Direction Control
0: Input
1: Output
8
General-Purpose I/O Line 1, Data Direction Control
0: Input
1: Output
7:2
Not used
1
General-Purpose I/O Line 0 Polarity
0: Low
1: High
0
General-Purpose I/O Line 1 Polarity
0: Low
1: High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com