Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16203/PCBZ Datasheet(PDF) 15 Page - Analog Devices

Part # ADIS16203/PCBZ
Description  Programmable 360 Inclinometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16203/PCBZ Datasheet(HTML) 15 Page - Analog Devices

Back Button ADIS16203/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
ADIS16203
Rev. 0 | Page 15 of 28
CONTROL REGISTER DETAILS
All ADIS16203 control registers are organized into 2-byte segments,
and both upper (Bit 8 to Bit 15) and lower (Bit 0 to Bit 7) bytes have
unique addresses and can be accessed individually.
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
This section provides a description of each register, including its
purpose, relevant scaling information, bit maps, addresses, and
default values.
CALIBRATION
In addition to the factory calibration, the ADIS16203 provides
two user calibration options. Both options utilize the INCL_NULL
control register, which provides an add function to the two incline-
angle output registers: INCL_OUT and INCL_180_OUT. Because
the default contents of INCL_NULL are 0, adding it to these two
outputs has no effect on the output data.
The first calibration option is an automatic null function. This function
measures the contents of INCL_OUT and then writes the inverse of
this value into the INCL_NULL control register. The accuracy of this
calibration is dependent on the stability of the INCL_OUT measure-
ment; therefore, maximizing the filtering will minimize the errors
associated with noise. Table 9 displays a sequence that executes the
automatic null.
Table 9. Automatic Null Sequence
Step
Description
Write 0x08 to Address 0x38
Sets averaging count to 256
using the AVG_CNT register
Wait for 512 samples
Waits for the lowest noise data
Write 0x01 to Address 0x3E
Executes the global autonull
function using the COMMAND
register
Restore previous average count
Increasing the sample rate using the SMPL_TIME control register
will minimize the waiting time if this parameter is critical.
The second option for system-level calibration is manual adjustment.
The INCL_NULL control register can be updated using write com-
mands. Refer to its definition in the INCL_NULL Register Definition
section for details.
The factory calibration can be restored by writing 0x02 to Register
Address 0x3E. This restores INCL_NULL to 0.
CALIBRATION REGISTER DEFINITION
INCL_NULL Register Definition
Address
Scale1
Default
Format
Access
0x19, 0x18
0.025°
0x0000
Binary
R/W
1 Scale is the weight of each LSB.
The INCL_NULL register is the user controlled register for
calibrating system-level inclination offset errors. The maximum
calibration range is +0° to +359.975° or 0 to +14,399 decimal
codes. The contents of this register are nonvolatile.
Table 10. INCL_NULL Bit Designations
Bit
Description
15:14
Not necessary, force to 0
13:0
Data bits
ALARMS
The ADIS16203 contains two independent alarm functions that
are referred to as Alarm 1 and Alarm 2. The Alarm 1 function is
managed by the ALM_MAG1 and ALM_SMPL1 control registers.
The Alarm 2 function is managed by the ALM_MAG2 and
ALM_SMPL2 control registers. Both the Alarm 1 and Alarm 2
functions share the ALM_CTRL register. For simplicity, this
section refers to the Alarm 1 functionality only.
The 16-bit ALM_CTRL register serves several roles in controlling
the Alarm 1 function. First, it is used to enable the overall Alarm 1
function and to select the output data variable that is to be
monitored for the alarm condition. Second, it is used to select
whether the Alarm 1 function is based upon a predefined threshold
(THR) level or a predefined rate-of-change (ROC) slope. Third,
the ALM_CTRL register can be used in setting up one of the
two general-purpose input/output lines (GPIOs) to serve as a
hardware output that indicates when an alarm condition has
occurred. Enabling the I/O alarm function as well as setting its
polarity and controlling its operation are accomplished using
this register. Fourth, this register provides the controls for
setting the comparison data as filtered or unfiltered.
Note that when enabled, the hardware output indicator serves
both the Alarm 1 and Alarm 2 functions and cannot be used to
differentiate between one alarm condition and the other. It is
simply used to indicate that an alarm is active and that the user
should poll the device via the SPI to determine the source of the
alarm condition (see the STATUS Register Definition section).
Because the ALM_CTRL, MSC_CTRL, and GPIO_CTRL
control registers can influence the same GPIO pins, a priority
level has been established to avoid conflicting assignments of
the two GPIO pins. This priority level is defined as MSC_CTRL,
which has precedence over ALM_CTRL, which has precedence
over GPIO_CTRL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com