Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16203/PCBZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADIS16203/PCBZ
Description  Programmable 360 Inclinometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16203/PCBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADIS16203/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ADIS16203
Rev. 0 | Page 14 of 28
PROGRAMMING AND CONTROL
CONTROL REGISTER OVERVIEW
The ADIS16203 offers many programmable features that are
controlled by writing commands to the appropriate control registers
using the SPI. For added system flexibility and programmability,
the following sections describe these controls and specify each
register’s configuration. A list of features that are available for
configuration in this register space follows:
•
Calibration: Automatic offset null, manual offset adjustment,
factory reset
•
Rotational direction: clockwise or counter-clockwise
•
Sample rate adjustment
•
Filter response optimization
•
Alarm settings: threshold or rate of change, and comparison
with filtered or unfiltered data
•
I/O configuration: data ready, etc.
•
Power management: sleep mode, normal and high
performance modes
•
Auxiliary DAC level setting
•
Status checks: verify power supply, SPI communication,
package orientation
•
Flash™ updates to store configuration
CONTROL REGISTER ACCESS
Table 8 displays the control register map for the ADIS16203,
including address, volatile status, basic function, and accessibility
(read/write). The following sections contain detailed descriptions
and configurations for each of these registers.
The ADIS16203 is a Flash-based device with the nonvolatile
functional registers implemented as Flash registers. Take into
account the endurance limitation of 20,000 writes when consid-
ering the system-level integration of these devices. The nonvolatile
column in Table 8 indicates the registers that are recovered on power-
up. The user must use a manual Flash update command (using the
command register) to store the nonvolatile data registers once they
are configured properly. When performing a manual Flash update
command, the user needs to ensure that the power supply remains
within limits for a minimum of 50 ms after the start of the update.
This ensures a successful write of the nonvolatile data.
Table 8. Control Register Mapping
Register Name
Type
Nonvolatile
Address
Bytes
Function
0x00 to 0x01
2
Reserved
INCL_NULL
R/W
X
0x18
2
Incline null calibration
ALM_MAG1
R/W
X
0x20
2
Alarm 1 amplitude threshold
ALM_MAG2
R/W
X
0x22
2
Alarm 2 amplitude threshold
ALM_SMPL1
R/W
X
0x24
2
Alarm 1 sample period
ALM_SMPL2
R/W
X
0x26
2
Alarm 2 sample period
ALM_CTRL
R/W
X
0x28
2
Alarm source control register
0x2A to 0x2F
6
Reserved
AUX_DAC
R/W
0x30
2
Auxiliary DAC data
GPIO_CTRL
R/W
0x32
2
Auxiliary digital I/O control register
MSC_CTRL
R/W
X
0x34
2
Miscellaneous control register
SMPL_TIME
R/W
X
0x36
2
ADC sample period control
AVG_CNT
R/W
X
0x38
2
Defines number of samples used by moving average filter
SLP_CNT
R/W
0x3A
2
Counter used to determine length of power-down mode
STATUS
R
0x3C
2
System status register
COMMAND
W
0x3E
2
System command register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com